Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R200 Datasheet(PDF) 47 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 47 Page - Intel Corporation

Back Button R200 Datasheet HTML 43Page - Intel Corporation R200 Datasheet HTML 44Page - Intel Corporation R200 Datasheet HTML 45Page - Intel Corporation R200 Datasheet HTML 46Page - Intel Corporation R200 Datasheet HTML 47Page - Intel Corporation R200 Datasheet HTML 48Page - Intel Corporation R200 Datasheet HTML 49Page - Intel Corporation R200 Datasheet HTML 50Page - Intel Corporation R200 Datasheet HTML 51Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
R200 Interconnect Cable Drawings
334616-001
47
12
R200 Interconnect Cable
Drawings
The interconnect cable can be used to connect the R200 to the motherboard
receptacle or to the receptacle on the USB adapter card.
Table 12-1. Cable Part Numbers
Vendor
Part Number
Length
Revision
Sales Contact
Amphenol
H26311-001
100mm
AX1
Bruce Motavaf
AGIS - Sales Engineer
Amphenol
bruce.motavaf@amphenol-gis.com
408.799.6060
Amphenol
H26312-001
150mm
AX1
Amphenol
H26313-001
300mm
AX1
Amphenol
H26314-001
500mm
AX1
Figure 12-1. Cable Mechanical Drawing
§ §



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com