Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R200 Datasheet(PDF) 29 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 29 Page - Intel Corporation

Back Button R200 Datasheet HTML 25Page - Intel Corporation R200 Datasheet HTML 26Page - Intel Corporation R200 Datasheet HTML 27Page - Intel Corporation R200 Datasheet HTML 28Page - Intel Corporation R200 Datasheet HTML 29Page - Intel Corporation R200 Datasheet HTML 30Page - Intel Corporation R200 Datasheet HTML 31Page - Intel Corporation R200 Datasheet HTML 32Page - Intel Corporation R200 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
System Integration
334616-001
29
7.8
Rear Cover Design Guidance
In addition to any thermal heat spreaders, the rear cover design must take into
consideration the openings for the R200 camera, projector, and LED. The openings
should be designed so that they provide protection from dirt and damage but also
accommodate the following considerations.
•
Maximize effective field of view of the cameras and field of projection of the
projector
•
Minimize air gap distance between the bezel surface and the front of the imaging
module components. This is done to minimize the size of the holes in the rear cover
required.
•
Employ gasket material and separate cover material windows to isolate the IR laser
projector output and prevent reflections off the cover material back into the system
chassis.
The R200 computer aided design model (part of mechanical design package) includes
the lens field of view projection profiles for each component. It is recommended to use
the model along with a platform chassis model to minimize the cover hole diameters.
7.8.1
Transparent Cover Material
It is recommended to use a transparent cover material over in the rear cover holes to
protect the camera module and prevent dirt from entering the system chassis. For the
IR projector and IR cameras, the material must have a 98% or higher transmission
rate in the 854 nm to 864 nm range. Anti-reflective coatings can help increase the IR
transmission of transparent material. Most designs will require an AR coating on both
sides of the cover material to reach 98% IR light transmission, using material with
lower than 98% transmission can result in poor depth performance. Because the
camera performance is limited by IR light from the projector indoors, a transparent
cover material that reduces IR light transmission will decrease the working range of
the camera.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com