Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R200 Datasheet(PDF) 28 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 28 Page - Intel Corporation

Back Button R200 Datasheet HTML 24Page - Intel Corporation R200 Datasheet HTML 25Page - Intel Corporation R200 Datasheet HTML 26Page - Intel Corporation R200 Datasheet HTML 27Page - Intel Corporation R200 Datasheet HTML 28Page - Intel Corporation R200 Datasheet HTML 29Page - Intel Corporation R200 Datasheet HTML 30Page - Intel Corporation R200 Datasheet HTML 31Page - Intel Corporation R200 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
System Integration
28
334616-001
Figure 7-4. Receptacle Ground Bar Motherboard Connections
7.7
Shielding
Testing should be done to quantify the level of shielding required. Typically, if the
R200 is placed greater than 2-3” from system antennas, only the cable may require
shielding.
•
The cable should be wrapped end to end with a conductive EMI fabric. The
fabric should make contact with the connector plug shield on each end.
•
The conductive fabric should make a ground connection with the system
chassis.
•
Between the cable shielding and the module shielding, the opening should be
as small as possible to avoid RFI leakage.
•
Component placement and cable routing must be optimized to minimize noise
pickup from system sources.
•
The RFI value should not increase more than 5dB when the R200 is active
compared to when inactive.
Conductive shielding material must not make contact with any non-GND
subassembly components, pads, or signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com