Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM9DS1 Datasheet(PDF) 47 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 43Page - STMicroelectronics LSM9DS1 Datasheet HTML 44Page - STMicroelectronics LSM9DS1 Datasheet HTML 45Page - STMicroelectronics LSM9DS1 Datasheet HTML 46Page - STMicroelectronics LSM9DS1 Datasheet HTML 47Page - STMicroelectronics LSM9DS1 Datasheet HTML 48Page - STMicroelectronics LSM9DS1 Datasheet HTML 49Page - STMicroelectronics LSM9DS1 Datasheet HTML 50Page - STMicroelectronics LSM9DS1 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
DocID025715 Rev 3
47/72
LSM9DS1
Accelerometer and gyroscope register description
72
7.13
CTRL_REG2_G (11h)
Angular rate sensor Control Register 2.
Figure 28. INT_SEL and OUT_SEL configuration gyroscope block diagram
7.14
CTRL_REG3_G (12h)
Angular rate sensor Control Register 3.
Table 48. CTRL_REG2_G register
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device
0(1)
0(1)
0(1)
INT_SEL1 INT_SEL0 OUT_SEL1 OUT_SEL0
Table 49. CTRL_REG2_G register description
INT_SEL [1:0]
INT selection configuration. Default value: 00
(Refer to Figure 28)
OUT_SEL [1:0]
Out selection configuration. Default value: 00
(Refer to Figure 28)
Table 50. CTRL_REG3_G register
LP_mode
HP_EN
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device
0(1)
HPCF3_G HPCF2_G HPCF1_G
HPCF0_G
Table 51. CTRL_REG3_G register description
LP_mode
Low-power mode enable. Default value: 0
(0: Low-power disabled; 1: Low-power enabled)
HP_EN
High-pass filter enable. Default value: 0
(0: HPF disabled; 1: HPF enabled, refer to Figure 28)
HPCF_G [3:0]
Gyroscope high-pass filter cutoff frequency selection. Default value: 0000
Refer to Table 52.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com