Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM9DS1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 7Page - STMicroelectronics LSM9DS1 Datasheet HTML 8Page - STMicroelectronics LSM9DS1 Datasheet HTML 9Page - STMicroelectronics LSM9DS1 Datasheet HTML 10Page - STMicroelectronics LSM9DS1 Datasheet HTML 11Page - STMicroelectronics LSM9DS1 Datasheet HTML 12Page - STMicroelectronics LSM9DS1 Datasheet HTML 13Page - STMicroelectronics LSM9DS1 Datasheet HTML 14Page - STMicroelectronics LSM9DS1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
DocID025715 Rev 3
11/72
LSM9DS1
Pin description
72
Table 2. Pin description
Pin #
Name
Function
1
VDDIO(1)
1. Recommended 100 nF filter capacitor.
Power supply for I/O pins
2
SCL/SPC
I2C serial clock (SCL) / SPI serial port clock (SPC)
3
VDDIO(2)
2. Recommended 100 nF filter capacitor.
Power supply for I/O pins
4
SDA/SDI/SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
5SDO_A/G
SPI serial data output (SDO) for the accelerometer and gyroscope
I2C least significant bit of the device address (SA0) for the accelerometer
and gyroscope
6SDO_M
SPI serial data output (SDO) for the magnetometer
I2C least significant bit of the device address (SA0) for the magnetometer
7
CS_A/G
SPI enable
I2C/SPI mode selection for the accelerometer and gyroscope
(1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled)
8CS_M
SPI enable
I2C/SPI mode selection for the magnetometer
(1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled)
9
DRDY_M
Magnetic sensor data ready
10
INT_M
Magnetic sensor interrupt
11
INT1_A/G
Accelerometer and gyroscope interrupt 1
12
INT2_A/G
Accelerometer and gyroscope interrupt 2
13
DEN_A/G
Accelerometer and gyroscope data enable
14
RES
Reserved. Connected to GND.
15
RES
Reserved. Connected to GND.
16
RES
Reserved. Connected to GND.
17
RES
Reserved. Connected to GND.
18
RES
Reserved. Connected to GND.
19
GND
0 V supply
20
GND
0 V supply
21
CAP
Connected to GND with ceramic capacitor(3)
3. 10 nF (±10%), 16 V. 1 nF minimum value has to be guaranteed under 11 V bias condition.
22
VDD(4)
4. Recommended 100 nF plus 10 µF capacitors.
Power supply
23
VDD(5)
5. Recommended 100 nF plus 10 µF capacitors.
Power supply
24
C1
Capacitor connection (C1 = 100 nF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com