Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM9DS1 Datasheet(PDF) 43 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 39Page - STMicroelectronics LSM9DS1 Datasheet HTML 40Page - STMicroelectronics LSM9DS1 Datasheet HTML 41Page - STMicroelectronics LSM9DS1 Datasheet HTML 42Page - STMicroelectronics LSM9DS1 Datasheet HTML 43Page - STMicroelectronics LSM9DS1 Datasheet HTML 44Page - STMicroelectronics LSM9DS1 Datasheet HTML 45Page - STMicroelectronics LSM9DS1 Datasheet HTML 46Page - STMicroelectronics LSM9DS1 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
DocID025715 Rev 3
43/72
LSM9DS1
Accelerometer and gyroscope register description
72
7.6
INT_GEN_THS_Z_XL (09h)
Linear acceleration sensor interrupt threshold register.
Table 34. INT_GEN_THS_Z_XL register description
7.7
INT_GEN_DUR_XL (0Ah)
Linear acceleration sensor interrupt duration register.
Table 35. INT_GEN_DUR_XL register
Table 36. INT_GEN_DUR_XL register description
7.8
REFERENCE_G (0Bh)
Angular rate sensor reference value register for digital high-pass filter (r/w).
Table 37. REFERENCE_G register
Table 38. REFERENCE_G register description
7.9
INT1_CTRL (0Ch)
INT1_A/G pin control register.
Table 39. INT1_CTRL register
Table 33. INT_GEN_THS_Z_XL register
THS_XL_Z
7
THS_XL_Z
6
THS_XL_Z
5
THS_XL_Z
4
THS_XL_Z
3
THS_XL_Z
2
THS_XL_Z
1
THS_XL_Z
0
THS_XL_Z [7:0]
Z-axis interrupt threshold. Default value: 0000 0000
WAIT_XL
DUR_XL6
DUR_XL5
DUR_XL4 DUR_XL3
DUR_XL2 DUR_XL1
DUR_XL0
WAIT_XL
Wait function enabled on duration counter. Default value: 0
(0: wait function off; 1: wait for DUR_XL [6:0] samples before exiting interrupt)
DUR_XL [6:0]
Enter/exit interrupt duration value. Default value: 000 0000
REF7_G
REF6_G
REF5_G
REF4_G
REF3_G
REF2_G
REF1_G
REF0_G
REF_G [7:0]
Reference value for gyroscope’s digital high-pass filter (r/w).
Default value: 0000 0000
INT1_IG
_G
INT1_IG_
XL
INT1_
FSS5
INT1_OVR
INT1_FTH INT1_ Boot
INT1_
DRDY_G
INT1_
DRDY_XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com