Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM9DS1 Datasheet(PDF) 59 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 55Page - STMicroelectronics LSM9DS1 Datasheet HTML 56Page - STMicroelectronics LSM9DS1 Datasheet HTML 57Page - STMicroelectronics LSM9DS1 Datasheet HTML 58Page - STMicroelectronics LSM9DS1 Datasheet HTML 59Page - STMicroelectronics LSM9DS1 Datasheet HTML 60Page - STMicroelectronics LSM9DS1 Datasheet HTML 61Page - STMicroelectronics LSM9DS1 Datasheet HTML 62Page - STMicroelectronics LSM9DS1 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
DocID025715 Rev 3
59/72
LSM9DS1
Accelerometer and gyroscope register description
72
7.38
INT_GEN_THS_Y_G (33h - 34h)
Angular rate sensor interrupt generator threshold registers. The value is expressed as a
15-bit word in two’s complement.
Table 95. INT_GEN_THS_Y_G register description
7.39
INT_GEN_THS_Z_G (35h - 36h)
Angular rate sensor interrupt generator threshold registers. The value is expressed as a
15-bit word in two’s complement.
Table 98. INT_GEN_THS_Z_G register description
7.40
INT_GEN_DUR_G (37h)
Angular rate sensor interrupt generator duration register.
Table 99. INT_GEN_DUR_G register
Table 93. INT_GEN_THS_YH_G register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
THS_G_
Y14
THS_G_
Y13
THS_G_
Y12
THS_G_
Y11
THS_G_
Y10
THS_G_
Y9
THS_G_
Y8
Table 94. INT_GEN_THS_YL_G register
THS_G_
Y7
THS_G_
Y6
THS_G_
Y5
THS_G_
Y4
THS_G_
Y3
THS_G_
Y2
THS_G_
Y1
THS_G_
Y0
THS_G_Y [14:0]
Angular rate sensor interrupt threshold on roll (Y) axis.
Default value: 0000000 00000000.
Table 96. INT_GEN_THS_ZH_G register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
THS_G_
Z14
THS_G_
Z13
THS_G_
Z12
THS_G_
Z11
THS_G_
Z10
THS_G_
Z9
THS_G_
Z8
Table 97. INT_GEN_THS_ZL_G register
THS_G_
Z7
THS_G_
Z6
THS_G_
Z5
THS_G_
Z4
THS_G_
Z3
THS_G_
Z2
THS_G_
Z1
THS_G_
Z0
THS_G_Z [14:0]
Angular rate sensor interrupt thresholds on yaw (Z) axis.
Default value: 0000000 00000000.
WAIT_G
DUR_G6
DUR_G5
DUR_G4
DUR_G3
DUR_G2
DUR_G1
DUR_G0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com