Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM9DS1 Datasheet(PDF) 19 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 15Page - STMicroelectronics LSM9DS1 Datasheet HTML 16Page - STMicroelectronics LSM9DS1 Datasheet HTML 17Page - STMicroelectronics LSM9DS1 Datasheet HTML 18Page - STMicroelectronics LSM9DS1 Datasheet HTML 19Page - STMicroelectronics LSM9DS1 Datasheet HTML 20Page - STMicroelectronics LSM9DS1 Datasheet HTML 21Page - STMicroelectronics LSM9DS1 Datasheet HTML 22Page - STMicroelectronics LSM9DS1 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
DocID025715 Rev 3
19/72
LSM9DS1
LSM9DS1 functionality
72
3
LSM9DS1 functionality
3.1
Operating modes
In the LSM9DS1 the accelerometer and gyroscope have two operating modes available:
only accelerometer active and gyroscope in power down or both accelerometer and
gyroscope sensors active at the same ODR. Switching from one mode to the other requires
one write operation: writing to CTRL_REG6_XL (20h), the accelerometer operates in
normal mode and the gyroscope is powered down, writing to CTRL_REG1_G (10h) both
accelerometer and gyroscope are activated at the same ODR.
Figure 5 depicts both modes of operation from power down.
Figure 5. Switching operating modes
The magnetic sensor has three operating modes available: power-down (default),
continuous-conversion mode and single-conversion mode. Switching from power-down to
the other modes requires one write operation to CTRL_REG3_M (22h), setting values in the
MD[1:0] bits. For the output of the magnetic data compensated by temperature, the
TEMP_COMP bit in CTRL_REG1_M (20h) must be set to ‘1’.
3.2
Gyroscope power modes
In the LSM9DS1, the gyroscope can be configured in three different operating modes:
power-down, low-power and normal mode.
Low-power mode is available for lower ODR (14.9, 59.5, 119 Hz) while for greater ODR
(238, 476, 952 Hz) the device is automatically in normal mode. Table summarizes the ODR
configuration (ODR_G[2:0] bits set in CTRL_REG1_G (10h)) and corresponding power
modes.
To enable low-power mode, the LP_mode bit in CTRL_REG3_G (12h) has to be set to ‘1’.
Low-power mode allows reaching low power consumption while maintaining the device
always on, refer to Table 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com