Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM9DS1 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 10Page - STMicroelectronics LSM9DS1 Datasheet HTML 11Page - STMicroelectronics LSM9DS1 Datasheet HTML 12Page - STMicroelectronics LSM9DS1 Datasheet HTML 13Page - STMicroelectronics LSM9DS1 Datasheet HTML 14Page - STMicroelectronics LSM9DS1 Datasheet HTML 15Page - STMicroelectronics LSM9DS1 Datasheet HTML 16Page - STMicroelectronics LSM9DS1 Datasheet HTML 17Page - STMicroelectronics LSM9DS1 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
Module specifications
LSM9DS1
14/72
DocID025715 Rev 3
2.2.1
Recommended power-up sequence
For the power-up sequence please refer to the following figure, where:
Trise is the time for the power supply to rise from 10% to 90% of its final value
Twait is the delay between the end of the Vdd_IO ramp (90% of its final value) and the
start of the Vdd ramp
Figure 2. Recommended power-up sequence
2.3
Temperature sensor characteristics
@ Vdd = 2.2 V, T = 25 °C unless otherwise noted (c)
c. The product is factory calibrated at 2.2 V.
Table 5.
Temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
TODR
Temperature refresh rate
Gyro OFF(2)
50
Hz
Gyro ON
59.5
TSen
Temperature sensitivity(3)
16
LSB/°C
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. When the accelerometer ODR is set to 10 Hz and the gyroscope part is turned off, the TODR value is 10 Hz.
3. The output of the temperature sensor is 0 (typ.) at 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com