Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM9DS1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 8Page - STMicroelectronics LSM9DS1 Datasheet HTML 9Page - STMicroelectronics LSM9DS1 Datasheet HTML 10Page - STMicroelectronics LSM9DS1 Datasheet HTML 11Page - STMicroelectronics LSM9DS1 Datasheet HTML 12Page - STMicroelectronics LSM9DS1 Datasheet HTML 13Page - STMicroelectronics LSM9DS1 Datasheet HTML 14Page - STMicroelectronics LSM9DS1 Datasheet HTML 15Page - STMicroelectronics LSM9DS1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
Module specifications
LSM9DS1
12/72
DocID025715 Rev 3
2
Module specifications
2.1
Sensor characteristics
@ Vdd = 2.2 V, T = 25 °C unless otherwise noted(a)
a. The product is factory calibrated at 2.2 V. The operational power supply range is from 1.9 V to 3.6 V.
Table 3. Sensor characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
LA_FS
Linear acceleration
measurement range
±2
g
±4
±8
±16
M_FS
Magnetic
measurement range
±4
gauss
±8
±12
±16
G_FS
Angular rate
measurement range
±245
dps
±500
±2000
LA_So
Linear acceleration sensitivity
Linear acceleration FS = ±2 g
0.061
mg/LSB
Linear acceleration FS = ±4 g
0.122
Linear acceleration FS = ±8 g
0.244
Linear acceleration FS = ±16 g
0.732
M_GN
Magnetic sensitivity
Magnetic FS = ±4 gauss
0.14
mgauss/
LSB
Magnetic FS = ±8 gauss
0.29
Magnetic FS = ±12 gauss
0.43
Magnetic FS = ±16 gauss
0.58
G_So
Angular rate sensitivity
Angular rate FS = ±245 dps
8.75
mdps/
LSB
Angular rate FS = ±500 dps
17.50
Angular rate FS = ±2000 dps
70
LA_TyOff
Linear acceleration typical
zero-g level offset accuracy(2)
FS = ±8 g
±90
mg
M_TyOff Zero-gauss level (3)
FS = ±4 gauss
±1
gauss
G_TyOff
Angular rate
typical zero-rate level (4)
FS = ±2000 dps
±30
dps
M_DF
Magnetic disturbance field
Zero-gauss offset starts to degrade
50
gauss
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed
2. Typical zero-g level offset value after soldering
3. Typical zero-gauss level value after test and trimming
4. Typical zero rate level offset value after MSL3 preconditioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com