Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM9DS1 Datasheet(PDF) 48 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 44Page - STMicroelectronics LSM9DS1 Datasheet HTML 45Page - STMicroelectronics LSM9DS1 Datasheet HTML 46Page - STMicroelectronics LSM9DS1 Datasheet HTML 47Page - STMicroelectronics LSM9DS1 Datasheet HTML 48Page - STMicroelectronics LSM9DS1 Datasheet HTML 49Page - STMicroelectronics LSM9DS1 Datasheet HTML 50Page - STMicroelectronics LSM9DS1 Datasheet HTML 51Page - STMicroelectronics LSM9DS1 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
Accelerometer and gyroscope register description
LSM9DS1
48/72
DocID025715 Rev 3
7.15
ORIENT_CFG_G (13h)
Angular rate sensor sign and orientation register.
Table 53. ORIENT_CFG_G register
Table 54. ORIENT_CFG_G register description
7.16
INT_GEN_SRC_G (14h)
Angular rate sensor interrupt source register.
Table 52. Gyroscope high-pass filter cutoff frequency configuration [Hz](1)
1. Values in the table are indicative and can vary proportionally with the specific ODR value.
HPCF_G [3:0]
ODR= 14.9
Hz
ODR= 59.5
Hz
ODR= 119
Hz
ODR= 238
Hz
ODR= 476
Hz
ODR= 952
Hz
0000
1
4
8
15
30
57
0001
0.5
2
4
8
15
30
0010
0.2
1
2
4
8
15
0011
0.1
0.5
1
2
4
8
0100
0.05
0.2
0.5
1
2
4
0101
0.02
0.1
0.2
0.5
1
2
0110
0.01
0.05
0.1
0.2
0.5
1
0111
0.005
0.02
0.05
0.1
0.2
0.5
1000
0.002
0.01
0.02
0.05
0.1
0.2
1001
0.001
0.005
0.01
0.02
0.05
0.1
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device.
0(1)
SignX_G
SignY_G
SignZ_G
Orient_2
Orient_1
Orient_0
SignX_G
Pitch axis (X) angular rate sign. Default value: 0
(0: positive sign; 1: negative sign)
SignY_G
Roll axis (Y) angular rate sign. Default value: 0
(0: positive sign; 1: negative sign)
SignZ_G
Yaw axis (Z) angular rate sign. Default value: 0
(0: positive sign; 1: negative sign)
Orient [2:0]
Directional user orientation selection. Default value: 000
Table 55. INT_GEN_SRC_G register
0
IA_G
ZH_G
ZL_G
YH_G
YL_G
XH_G
XL_G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com