Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 26 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 26 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 22Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 23Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 24Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 25Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 26Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 27Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 28Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 29Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 26
ATxmega32E5/16E5/8E5
11. System Clock and Clock options
11.1 Features
Fast start-up time
Safe run-time clock switching
Internal Oscillators:
32MHz run-time calibrated and tuneable oscillator
8MHz calibrated oscillator with 2MHz output option and fast start-up
32.768kHz calibrated oscillator
32kHz Ultra Low Power (ULP) oscillator with 1kHz output
External clock options
0.4 - 16MHz Crystal Oscillator
32kHz crystal oscillator with digital correction
External clock input in selectable pin location
PLL with 20 - 128MHz output frequency
Internal and external clock options and 1 to 31x multiplication
Lock detector
Clock Prescalers with 1x to 2048x division
Fast peripheral clocks running at two and four times the CPU clock frequency
Automatic Run-Time Calibration of the 32MHz internal oscillator
External oscillator and PLL lock failure detection with optional non maskable interrupt
11.2 Overview
AVR XMEGA E5 devices have a flexible clock system supporting a large number of clock sources. It incorporates both
accurate internal oscillators and external crystal oscillator and resonator support. A high-frequency phase locked loop
(PLL) and clock prescalers can be used to generate a wide range of clock frequencies. A calibration feature (DFLL) is avail-
able, and can be used for automatic run-time calibration of the 32MHz internal oscillator to remove frequency drift over
voltage and temperature. An oscillator failure monitor can be enabled to issue a nonmaskable interrupt and switch to the
internal oscillator if the external oscillator or PLL fails.
When a reset occurs, all clock sources except the 32kHz ultra low power oscillator are disabled. After reset, the device will
always start up running from the 2MHz output of the 8MHz internal oscillator. During normal operation, the system clock
source and prescalers can be changed from software at any time.
Figure 11-1 on page 27 presents the principal clock system in the XMEGA E5 family of devices. Not all of the clocks need
to be active at a given time. The clocks for the CPU and peripherals can be stopped using sleep modes and power reduc-
tion registers, as described in “Power Management and Sleep Modes” on page 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com