Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 61 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 61 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 57Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 58Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 59Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 60Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 61Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 62Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 63Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 64Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 61
ATxmega32E5/16E5/8E5
30. AC – Analog Comparator
30.1 Features
Two Analog Comparators
Selectable propagation delay
Selectable hysteresis
No
Small
Large
Analog Comparator output available on pin
Flexible Input Selection
All pins on the port
Output from the DAC
Bandgap reference voltage
A 64-level programmable voltage scaler of the internal AVCC voltage
Interrupt and event generation on
Rising edge
Falling edge
Toggle
Window function interrupt and event generation on
Signal above window
Signal inside window
Signal below window
Constant current source with configurable output pin selection
Source of asynchronous event
30.2 Overview
The Analog Comparator (AC) compares the voltage level on two inputs and gives a digital output based on this compari-
son. The Analog Comparator may be configured to give interrupt requests and/or synchronous/asynchronous events upon
several different combinations of input change.
One important property of the Analog Comparator when it comes to the dynamic behavior, is the hysteresis. This parame-
ter may be adjusted in order to find the optimal operation for each application.
The input section includes analog port pins, several internal signals and a 64-level programmable voltage scaler. The ana-
log comparator output state can also be directly available on a pin for use by external devices. Using as pair they can also
be set in Window mode to monitor a signal compared to a voltage window instead of a voltage level.
A constant current source can be enabled and output on a selectable pin. This can be used to replace, for example, exter-
nal resistors used to charge capacitors in capacitive touch sensing applications.
The analog comparators are always grouped in pairs on each port. These are called analog comparator 0 (AC0) and ana-
log comparator 1 (AC1). They have identical behavior, but separate control registers. Used as pair, they can be set in
window mode to compare a signal to a voltage range instead of a voltage level.
PORTA has one AC pair. Notation is ACA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com