Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 81 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 81 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 77Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 78Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 79Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 80Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 81Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 82Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 83Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 84Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 81
ATxmega32E5/16E5/8E5
Notes:
1.
All Power Reduction Registers set.
Table 36-4. Current Consumption for Modules and Peripherals
Notes:
1.
All parameters measured as the difference in current consumption between module enabled and disabled. All data at VCC = 3.0V, ClkSYS = 1MHz external clock
without prescaling, T = 25°C unless other conditions are given.
Symbol
Parameter
Condition(1)
Min.
Typ.
Max.
Units
ICC
Internal ULP oscillator
100
nA
32.768kHz int. oscillator
27
µA
8MHz int. oscillator
Normal power mode
65
Low power mode
45
32MHz int. oscillator
275
DFLL enabled with 32.768kHz int. osc. as reference
400
PLL
20x multiplication factor,
32MHz int. osc. DIV4 as reference
230
Watchdog timer
0.3
BOD
Continuous mode
245
Sampled mode
0.4
Internal 1.0V reference
200
Internal temperature sensor
100
ADC
16ksps
VREF = Ext. ref.
1.5
mA
CURRLIMIT = LOW
1.4
CURRLIMIT = MEDIUM
1.3
CURRLIMIT = HIGH
1.2
75ksps, VREF = Ext. ref.
CURRLIMIT = LOW
1.7
300ksps, VREF = Ext. ref.
3.1
DAC
250ksps
VREF = Ext. ref.
No load
Normal mode
1.9
Low Power mode
1.1
AC
200
µA
EDMA
200
Timer/counter
25
USART
Rx and Tx enabled, 9600 BAUD
8
XCL
16-bit timer/counter
6
Flash memory and EEPROM programming
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com