Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 29 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 29 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 25Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 26Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 27Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 28Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 29Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 30Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 31Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 32Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 29
ATxmega32E5/16E5/8E5
12. Power Management and Sleep Modes
12.1 Features
Power management for adjusting power consumption and functions
Five sleep modes
Idle
Power down
Power save
Standby
Extended standby
Power reduction register to disable clock and turn off unused peripherals in active and idle modes
12.2 Overview
Various sleep modes and clock gating are provided in order to tailor power consumption to application requirements. This
enables the AVR XMEGA microcontroller to stop unused modules to save power.
All sleep modes are available and can be entered from active mode. In active mode, the CPU is executing application code.
When the device enters sleep mode, program execution is stopped and interrupts or a reset is used to wake the device
again. The application code decides which sleep mode to enter and when. Interrupts from enabled peripherals and all
enabled reset sources can restore the microcontroller from sleep to active mode.
In addition, power reduction registers provide a method to stop the clock to individual peripherals from software. When this
is done, the current state of the peripheral is frozen, and there is no power consumption from that peripheral. This reduces
the power consumption in active mode and idle sleep modes and enables much more fine-tuned power management than
sleep modes alone.
12.3 Sleep Modes
Sleep modes are used to shut down modules and clock domains in the microcontroller in order to save power. XMEGA
microcontrollers have five different sleep modes tuned to match the typical functional stages during application execution.
A dedicated sleep instruction (SLEEP) is available to enter sleep mode. Interrupts are used to wake the device from sleep,
and the available interrupt wake-up sources are dependent on the configured sleep mode. When an enabled interrupt
occurs, the device will wake up and execute the interrupt service routine before continuing normal program execution from
the first instruction after the SLEEP instruction. If other, higher priority interrupts are pending when the wake-up occurs,
their interrupt service routines will be executed according to their priority before the interrupt service routine for the wake-up
interrupt is executed. After wake-up, the CPU is halted for four cycles before execution starts.
The content of the register file, SRAM and registers are kept during sleep. If a reset occurs during sleep, the device will
reset, start up, and execute from the reset vector.
12.3.1
Idle Mode
In idle mode the CPU and nonvolatile memory are stopped (note that any ongoing programming will be completed), but all
peripherals, including the interrupt controller, event system and EDMA controller are kept running. Any enabled interrupt
will wake the device.
12.3.2
Power-down Mode
In power-down mode, all clocks, including the real-time counter clock source, are stopped. This allows operation only of
asynchronous modules that do not require a running clock. The only interrupts that can wake up the MCU are the two-wire
interface address match interrupt and asynchronous port interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com