Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 31 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 31 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 27Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 28Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 29Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 30Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 31Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 32Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 33Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 34Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 31
ATxmega32E5/16E5/8E5
13. System Control and Reset
13.1 Features
Reset the microcontroller and set it to initial state when a reset source goes active
Multiple reset sources that cover different situations
Power-on reset
External reset
Watchdog reset
Brownout reset
PDI reset
Software reset
Asynchronous operation
No running system clock in the device is required for reset
Reset status register for reading the reset source from the application code
13.2 Overview
The reset system issues a microcontroller reset and sets the device to its initial state. This is for situations where operation
should not start or continue, such as when the microcontroller operates below its power supply rating. If a reset source
goes active, the device enters and is kept in reset until all reset sources have released their reset. The I/O pins are immedi-
ately tri-stated. The program counter is set to the reset vector location, and all I/O registers are set to their initial values.
The SRAM content is kept. However, if the device accesses the SRAM when a reset occurs, the content of the accessed
location can not be guaranteed.
After reset is released from all reset sources, the default oscillator is started and calibrated before the device starts running
from the reset vector address. By default, this is the lowest program memory address, 0, but it is possible to move the reset
vector to the lowest address in the boot section.
The reset functionality is asynchronous, and so no running system clock is required to reset the device. The software reset
feature makes it possible to issue a controlled system reset from the user software.
The reset status register has individual status flags for each reset source. It is cleared at power-on reset, and shows which
sources have issued a reset since the last power-on.
13.3 Reset Sequence
A reset request from any reset source will immediately reset the device and keep it in reset as long as the request is active.
When all reset requests are released, the device will go through three stages before the device starts running again:
• Reset counter delay
• Oscillator startup
• Oscillator calibration
If another reset requests occurs during this process, the reset sequence will start over again.
13.4 Reset Sources
13.4.1
Power-on Reset
A power-on reset (POR) is generated by an on-chip detection circuit. The POR is activated when the VCC rises and reaches
the POR threshold voltage (VPOT), and this will start the reset sequence.
The POR is also activated to power down the device properly when the VCC falls and drops below the VPOT level. The VPOT
level is higher for falling VCC than for rising VCC. Consult the datasheet for POR characteristics data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com