Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 63 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 63 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 59Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 60Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 61Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 62Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 63Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 64Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 65Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 66Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 63
ATxmega32E5/16E5/8E5
31. Programming and Debugging
31.1 Features
Programming
External programming through PDI interface
Minimal protocol overhead for fast operation
Built-in error detection and handling for reliable operation
Boot loader support for programming through any communication interface
Debugging
Nonintrusive, real-time, on-chip debug system
No software or hardware resources required from device except pin connection
Program flow control
Go, Stop, Reset, Step Into, Step Over, Step Out, Run-to-Cursor
Unlimited number of user program breakpoints
Unlimited number of user data breakpoints, break on:
Data location read, write, or both read and write
Data location content equal or not equal to a value
Data location content is greater or smaller than a value
Data location content is within or outside a range
No limitation on device clock frequency
Program and Debug Interface (PDI)
Two-pin interface for external programming and debugging
Uses the Reset pin and a dedicated pin
No I/O pins required during programming or debugging
31.2 Overview
The Program and Debug Interface (PDI) is a Microchip proprietary interface for external programming and on-chip debug-
ging of a device. The PDI supports fast programming of nonvolatile memory (NVM) spaces; flash, EEPOM, fuses, lock bits,
and the user signature row.
Debug is supported through an on-chip debug system that offers nonintrusive, real-time debug. It does not require any soft-
ware or hardware resources except for the device pin connection. Using the Microchip tool chain, it offers complete
program flow control and support for an unlimited number of program and complex data breakpoints. Application debug
can be done from a C or other high-level language source code level, as well as from an assembler and disassemble level.
Programming and debugging can be done through the PDI physical layer. This is a two-pin interface that uses the Reset
pin for the clock input (PDI_CLK) and one other dedicated pin for data input and output (PDI_DATA). Any external pro-
grammer or on-chip debugger/emulator can be directly connected to this interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com