Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 73 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 73 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 69Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 70Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 71Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 72Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 73Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 74Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 75Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 76Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 73
ATxmega32E5/16E5/8E5
SPM
Store Program Memory
(RAMPZ:Z)
R1:R0
None
-
SPM
Z+
Store Program Memory and Post-Increment by 2
(RAMPZ:Z)
Z
R1:R0,
Z + 2
None
-
IN
Rd, A
In From I/O Location
Rd
I/O(A)
None
1
OUT
A, Rr
Out To I/O Location
I/O(A)
Rr
None
1
PUSH
Rr
Push Register on Stack
STACK
Rr
None
1(1)
POP
Rd
Pop Register from Stack
Rd
STACK
None
2(1)
XCH
Z, Rd
Exchange RAM location
Temp
Rd
(Z)
Rd,
(Z),
Temp
None
2
LAS
Z, Rd
Load and Set RAM location
Temp
Rd
(Z)
Rd,
(Z),
Temp v (Z)
None
2
LAC
Z, Rd
Load and Clear RAM location
Temp
Rd
(Z)
Rd,
(Z),
($FFh – Rd)
(Z)
None
2
LAT
Z, Rd
Load and Toggle RAM location
Temp
Rd
(Z)
Rd,
(Z),
Temp
 (Z)
None
2
Bit and bit-test instructions
LSL
Rd
Logical Shift Left
Rd(n+1)
Rd(0)
C
Rd(n),
0,
Rd(7)
Z,C,N,V,H
1
LSR
Rd
Logical Shift Right
Rd(n)
Rd(7)
C
Rd(n+1),
0,
Rd(0)
Z,C,N,V
1
ROL
Rd
Rotate Left Through Carry
Rd(0)
Rd(n+1)
C
C,
Rd(n),
Rd(7)
Z,C,N,V,H
1
ROR
Rd
Rotate Right Through Carry
Rd(7)
Rd(n)
C
C,
Rd(n+1),
Rd(0)
Z,C,N,V
1
ASR
Rd
Arithmetic Shift Right
Rd(n)
Rd(n+1), n=0..6
Z,C,N,V
1
SWAP
Rd
Swap Nibbles
Rd(3..0)
Rd(7..4)
None
1
BSET
s
Flag Set
SREG(s)
1
SREG(s)
1
BCLR
s
Flag Clear
SREG(s)
0
SREG(s)
1
SBI
A, b
Set Bit in I/O Register
I/O(A, b)
1
None
1
CBI
A, b
Clear Bit in I/O Register
I/O(A, b)
0
None
1
BST
Rr, b
Bit Store from Register to T
T
Rr(b)
T
1
BLD
Rd, b
Bit load from T to Register
Rd(b)
T
None
1
SEC
Set Carry
C
1
C
1
CLC
Clear Carry
C
0
C
1
SEN
Set Negative Flag
N
1
N
1
CLN
Clear Negative Flag
N
0
N
1
SEZ
Set Zero Flag
Z
1
Z
1
CLZ
Clear Zero Flag
Z
0
Z
1
Mnemonics
Operands
Description
Operation
Flags
#Clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com