Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 45 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 45 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 41Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 42Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 43Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 44Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 45Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 46Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 47Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 48Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 45
ATxmega32E5/16E5/8E5
20. Fault Extension
20.1 Features
Connected to timer/counter output and waveform extension input
Event controlled fault protection for instant and predictable fault triggering
Fast, synchronous and asynchronous fault triggering
Flexible configuration with multiple fault sources
Recoverable fault modes
Restart or halt the timer/counter on fault condition
Timer/counter input capture on fault condition
Waveform output active time reduction on fault condition
Non-recoverable faults
Waveform output is forced to a pre-configured safe state on fault condition
Optional fuse output value configuration defining the output state during system reset
Flexible fault filter selections
Digital filter to prevent false triggers from I/O pin glitches
Fault blanking to prevent false triggers during commutation
Fault input qualification to filter the fault input during the inactive output compare states
20.2 Overview
The fault extension enables event controlled fault protection by acting directly on the generated waveforms from timer/
counter compare outputs. It can be used to trigger two types of faults with the following actions:
• Recoverable faults: the timer/counter can be restarted or halted as long as the fault condition is preset. The compare
output pulse active time can be reduced as long as the fault condition is preset. This is typically used for current sensing
regulation, zero crossing re-triggering, demagnetization re-triggering, and so on.
• Non-recoverable faults: the compare outputs are forced to a safe and pre-configured values that are safe for the
application. This is typically used for instant and predictable shut down and to disable the high current or voltage drivers.
Events are used to trigger a fault condition. One or several simultaneous events are supported, both synchronously or
asynchronously. By default, the fault extension supports asynchronous event operation, ensuring predictable and instant
fault reaction, including system power modes where the system clock is stopped.
By using the input blanking, the fault input qualification or digital filter option in event system, the fault sources can be fil-
tered to avoid false faults detection.
There are two fault extensions, one for each of the timer/counter 4 and timer/counter 5 on PORTC. The notation of these
are FAULTC4 and FAULTC5, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com