Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 121 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 121 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 117Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 118Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 119Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 120Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 121Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 122Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 123Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 124Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 121
ATxmega32E5/16E5/8E5
Figure 37-43. ADC Gain Error vs. Temperature
VCC = 3.6V, VREF = 1.0V, ADC sample rate = 300ksps
Figure 37-44. ADC Offset Error vs. VCC
T = 25
C, VREF = 1.0V, ADC sample rate = 300ksps
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
-40
-20
0
20
40
60
80
100
Temperature [°C]
Mode
Differential mode
Single-ended signed mode
Single-ended unsigned mode
0.0
5.0
10.0
15.0
20.0
25.0
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Vcc [V]
Mode
Differential mode
Single-ended signed mode
Single-ended unsigned mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com