Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 127 Page - Microchip Technology

Part # ATXMEGA8E5
Description  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 127 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 123Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 124Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 125Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 126Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 127Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 128Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 129Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 130Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 127
ATxmega32E5/16E5/8E5
Figure 37-55. Analog Comparator Voltage Scaler vs. SCALEFAC
T = 25
C, VCC = 3.0V
Figure 37-56. Analog Comparator Offset Voltage vs. Common Mode Voltage
25°C
-0.150
-0.125
-0.100
-0.075
-0.050
-0.025
0
0.025
0.050
0
10
2030
4050
6070
SCALEFAC
Vcm [V]
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
0
5
10
15
20
25
30
35
Temperature (°C)
-40
25
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com