Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L15 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS47L15
Description  Smart Codec with Low-Power Audio DSP
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L15 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS47L15 Datasheet HTML 45Page - Cirrus Logic CS47L15 Datasheet HTML 46Page - Cirrus Logic CS47L15 Datasheet HTML 47Page - Cirrus Logic CS47L15 Datasheet HTML 48Page - Cirrus Logic CS47L15 Datasheet HTML 49Page - Cirrus Logic CS47L15 Datasheet HTML 50Page - Cirrus Logic CS47L15 Datasheet HTML 51Page - Cirrus Logic CS47L15 Datasheet HTML 52Page - Cirrus Logic CS47L15 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 279 page
background image
DS1137F2
49
CS47L15
4.3 Digital Core
Table 4-12. EQ Enable and Gain Control
Register Address
Bit
Label
Default
Description
R3585 (0x0E01)
FX_Ctrl2
15:4 FX_STS[11:0]
0x00 LHPF, DRC, EQ Enable Status. Indicates the status of each of the respective
signal-processing functions. Each bit is coded as follows:
0 = Disabled
1 = Enabled
[11] = EQ4
[10] = EQ3
[9] = EQ2
[8] = EQ1
[7] = DRC2 (Right)
[6] = DRC2 (Left)
[5] = DRC1 (Right)
[4] = DRC1 (Left)
[3] = LHPF4
[2] = LHPF3
[1] = LHPF2
[0] = LHPF1
R3600 (0x0E10)
EQ1_1
15:11 EQ1_B1_GAIN[4:0]
0x0C EQ1 Band 1 Gain 1 (–12 dB to +12 dB in 1-dB steps)
10:6 EQ1_B2_GAIN[4:0]
0x0C EQ1 Band 2 Gain 1 (–12 dB to +12 dB in 1-dB steps)
5:1
EQ1_B3_GAIN[4:0]
0x0C EQ1 Band 3 Gain 1 (–12 dB to +12 dB in 1-dB steps)
0
EQ1_ENA
0
EQ1 Enable
0 = Disabled
1 = Enabled
R3601 (0x0E11)
EQ1_2
15:11 EQ1_B4_GAIN[4:0]
0x0C EQ1 Band 4 Gain 1 (–12 dB to +12 dB in 1-dB steps)
10:6 EQ1_B5_GAIN[4:0]
0x0C EQ1 Band 5 Gain 1 (–12 dB to +12 dB in 1-dB steps)
0
EQ1_B1_MODE
0
EQ1 Band 1 Mode
0 = Shelving filter
1 = Peak filter
R3602 (0x0E12) to
R3620 (0x0E24)
15:0 EQ1_B1_*
EQ1_B2_*
EQ1_B3_*
EQ1_B4_*
EQ1_B5_*
—
EQ1 Frequency Coefficients. Refer to WISCE evaluation board control software for
the derivation of these field values.
R3622 (0x0E26)
EQ2_1
15:11 EQ2_B1_GAIN[4:0]
0x0C EQ2 Band 1 Gain 1
–12 dB to +12 dB in 1-dB steps
10:6 EQ2_B2_GAIN[4:0]
0x0C EQ2 Band 2 Gain 1
–12 dB to +12 dB in 1-dB steps
5:1
EQ2_B3_GAIN[4:0]
0x0C EQ2 Band 3 Gain 1
–12 dB to +12 dB in 1-dB steps
0
EQ2_ENA
0
EQ2 Enable
0 = Disabled
1 = Enabled
R3623 (0x0E27)
EQ2_2
15:11 EQ2_B4_GAIN[4:0]
0x0C EQ2 Band 4 Gain 1 (–12 dB to +12 dB in 1-dB steps)
10:6 EQ2_B5_GAIN[4:0]
0x0C EQ2 Band 5 Gain 1 (–12 dB to +12 dB in 1-dB steps)
0
EQ2_B1_MODE
0
EQ2 Band 1 Mode
0 = Shelving filter
1 = Peak filter
R3624 (0x0E28) to
R3642 (0x0E3A)
15:0 EQ2_B1_*
EQ2_B2_*
EQ2_B3_*
EQ2_B4_*
EQ2_B5_*
—
EQ2 Frequency Coefficients. Refer to WISCE evaluation board control software for
the derivation of these field values.
R3644 (0x0E3C)
EQ3_1
15:11 EQ3_B1_GAIN[4:0]
0x0C EQ3 Band 1 Gain 1 (–12 dB to +12 dB in 1-dB steps)
10:6 EQ3_B2_GAIN[4:0]
0x0C EQ3 Band 2 Gain 1 (–12 dB to +12 dB in 1-dB steps)
5:1
EQ3_B3_GAIN[4:0]
0x0C EQ3 Band 3 Gain 1 (–12 dB to +12 dB in 1-dB steps)
0
EQ3_ENA
0
EQ3 Enable
0 = Disabled
1 = Enabled
R3645 (0x0E3D)
EQ3_2
15:11 EQ3_B4_GAIN[4:0]
0x0C EQ3 Band 4 Gain1 (–12 dB to +12 dB in 1-dB steps)
10:6 EQ3_B5_GAIN[4:0]
0x0C EQ3 Band 5 Gain 1 (–12 dB to +12 dB in 1-dB steps)
0
EQ3_B1_MODE
0
EQ3 Band 1 Mode
0 = Shelving filter
1 = Peak filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com