Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L15 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS47L15
Description  Smart Codec with Low-Power Audio DSP
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L15 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS47L15 Datasheet HTML 12Page - Cirrus Logic CS47L15 Datasheet HTML 13Page - Cirrus Logic CS47L15 Datasheet HTML 14Page - Cirrus Logic CS47L15 Datasheet HTML 15Page - Cirrus Logic CS47L15 Datasheet HTML 16Page - Cirrus Logic CS47L15 Datasheet HTML 17Page - Cirrus Logic CS47L15 Datasheet HTML 18Page - Cirrus Logic CS47L15 Datasheet HTML 19Page - Cirrus Logic CS47L15 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 279 page
background image
16
DS1137F2
CS47L15
3 Characteristics and Specifications
Table 3-11. Miscellaneous Characteristics
Test conditions (unless specified otherwise): DBVDD = CPVDD = AVDD = 1.8 V, DCVDD = 1.2 V; MICVDD = 2.5 V; SPKVDD = 4.2 V; TA = +25ºC;
1 kHz sinusoid signal; Fs = 48 kHz; PGA gain = 0 dB, 24-bit audio data.
Parameter
Min
Typ
Max
Units
Microphone bias
(MICBIAS1A,
MICBIAS1B,
MICBIAS1C) 1
1.No capacitor on MICBIAS1x. In Regulator Mode, it is required that VMICVDD – VMICBIAS > 200 mV.
Minimum Bias Voltage 2
Maximum Bias Voltage
Bias Voltage output step size
Bias Voltage accuracy
2.Regulator Mode (MICB1_BYPASS = 0), Load current
 1.0 mA.
—
—
—
–5%
1.5
2.8
0.1
—
—
—
—
+5%
V
V
V
V
Bias Current 3
3.Bias current and load capacitance specifications are for the sum of all enabled MICBIAS1x outputs.
Regulator Mode (MICB1_BYPASS = 0), VMICVDD – VMICBIAS >200 mV
Bypass Mode (MICBn_BYPASS = 1)
—
—
—
—
2.4
5.0
mA
mA
Output Noise Density
Regulator Mode (MICB1_BYPASS = 0), MICB1_LVL = 0x4,
Load current = 1 mA, Measured at 1 kHz
—50
—
nV/
Hz
Integrated noise voltage
Regulator Mode (MICB1_BYPASS = 0), MICB1_LVL = 0x4,
Load current = 1 mA, 100 Hz to 7 kHz, A-weighted
—5
—
VRMS
PSRR (DBVDD, CPVDD, AVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
100
80
—
—
dB
dB
PSRR (MICVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
82
44
—
—
dB
dB
PSRR (DCVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
100
80
—
—
dB
dB
PSRR (SPKVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
100
80
—
—
dB
dB
Load capacitance 3
Regulator Mode (MICB1_BYPASS = 0), MICB1_EXT_CAP = 0
Regulator Mode (MICB1_BYPASS = 0), MICB1_EXT_CAP = 1
—
0.1
—
1.0
50
10
pF
F
Output discharge resistance
MICBnx_ENA = 0, MICBnx_DISCH = 1
—
2
—
k
General-purpose
switch 4
4.The GPSWN pin voltage must not exceed GPSWP + 0.3 V. See Table 3-2 for voltage limits applicable to the GPSWP and GPSWN pins.
Switch resistance
Switch closed, I = 1 mA
Switch open
—
—
25
100
40
—
M
External
Accessory
Detect
Headphone detection load impedance range:
Detection via HPOUTL (HPD_SENSE_SEL = 100) or
HPOUTR (HPD_SENSE_SEL = 101)
HPD_IMPEDANCE_RANGE = 01
HPD_IMPEDANCE_RANGE = 10
HPD_IMPEDANCE_RANGE = 11
0
90
1
—
—
—
90
1000
10
k
Headphone detection load impedance range:
Detection via MICDETn or JACKDETn pins
400
—
6000
Headphone detection accuracy:
(HPD_DACVAL, HPD_SENSE_SEL = 100 or 101)
HPD_IMPEDANCE_RANGE = 01
HPD_IMPEDANCE_RANGE = 10
HPD_IMPEDANCE_RANGE = 11
–10
–5
–10
—
—
—
+10
+5
+10
%
%
%
Headphone detection accuracy (HPD_LVL, HPD_SENSE_SEL = 0XX or 11X)
–20
—
+20
%
Microphone impedance detection range:
(MICD1_ADC_MODE = 0, 2.2 k
 ±2% MICBIAS resistor. 5
5.These characteristics assume no other component is connected to MICDETn.
for MICD1_LVL[0] = 1
for MICD1_LVL[1] = 1
for MICD1_LVL[2] = 1
for MICD1_LVL[3] = 1
for MICD1_LVL[8] = 1
0
110
210
360
1
—
—
—
—
—
70
180
290
680
30
k
Jack-detection input threshold voltage
(JACKDETn)
Detection on JACKDET1, Jack insertion
Detection on JACKDET1, Jack removal
Detection on JACKDET2, Jack insertion
Detection on JACKDET2, Jack removal
—
—
—
—
0.9
1.65
0.27
0.9
—
—
—
—
V
V
V
V
Pull-up resistance (JACKDETn)—
1
—
M
Frequency-Lock
ed Loop (FLL1)
Output frequency
FLL output as SYSCLK source
FLL output as DSPCLK source
90
135
—
—
98.3
150
MHz
MHz
Lock Time
FREF =32 kHz, FOUT (DSPCLK source) = 147.456 MHz
FREF =12MHz, FOUT (DSPCLK source) = 147.456 MHz
—
—
10
1
—
—
ms
ms
RESET pin input RESET input pulse width 6
6.To trigger a hardware reset, the RESET input must be asserted for longer than this duration.
1—
—
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com