| Electronic Components Datasheet Search |
|
CS47L15 Datasheet(PDF) 30 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L15 Datasheet(HTML) 30 Page - Cirrus Logic |
|
30 / 279 page ![]() 30 DS1137F2 CS47L15 4.2 Input Signal Path Figure 4-2. Input Signal Paths 4.2.1 Analog Microphone Input Up to four analog microphones can be connected to the CS47L15, in single-ended or differential configuration. The input configuration and pin selection for the IN1 signal paths is controlled using IN1x_SRC, as described in Section 4.2.7. Note: The IN2 analog input path is optimized for supporting speaker-protection applications. It is not suitable for connection to microphones. The CS47L15 includes external accessory-detection circuits that can report the presence of a microphone and the status of a hook switch or other push buttons. When using this function, it is recommended to use the IN1BLP or IN1BRP analog microphone input paths to ensure best immunity to electrical transients arising from the push buttons. For single-ended input, the microphone signal is connected to the noninverting input of the PGAs (IN1xP). The inverting inputs of the PGAs are connected to an internal reference in this configuration. For differential input, the noninverted microphone signal is connected to the noninverting input of the PGAs (IN1xP), while the inverted (or noisy ground) signal is connected to the inverting input pins (IN1xN). ADC IN1ALN/DMICCLK IN1ALP/DMICDAT CLK DAT IN1BLN IN1BLP ADC ADC IN2N IN2P CLK DAT SPKRXDAT IN1ARN IN1ARP IN1BRN IN1BRP Digital Mic Interface Digital Mic Interface SPKCLK timing signal from PDM output path IN1L_PGA _VOL [6:0] IN1L_SRC 00 = Differential IN1ALP – IN1ALN 01 = Single-ended IN1ALP (non-inverting) 10 = Differential IN1BLP – IN1BLN 11 = Single-ended IN1BLP (non-inverting) IN1L_ENA IN1L_VOL IN1L_MUTE IN1R_VOL IN1R_MUTE IN1L_HPF IN1R_HPF IN_HPF_CUT IN1_MODE IN1R_PGA_VOL IN1R_ENA IN1_OSR IN1_DMIC_SUP IN2L_ENA IN2L_VOL IN2L_MUTE IN2R_VOL IN2R_MUTE IN2L_HPF IN2R_HPF IN2_MODE IN2R_ENA IN2_OSR IN_VD_RAMP IN_VI_RAMP IN1R_SRC 00 = Differential IN1ARP – IN1ARN 01 = Single-ended IN1ARP (non-inverting) 10 = Differential IN1BRP – IN1BRN 11 = Single-ended IN1BRP (non-inverting) Digital Core IN2R input IN2L input IN1L input IN1R input |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |