Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L15 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS47L15
Description  Smart Codec with Low-Power Audio DSP
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L15 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS47L15 Datasheet HTML 65Page - Cirrus Logic CS47L15 Datasheet HTML 66Page - Cirrus Logic CS47L15 Datasheet HTML 67Page - Cirrus Logic CS47L15 Datasheet HTML 68Page - Cirrus Logic CS47L15 Datasheet HTML 69Page - Cirrus Logic CS47L15 Datasheet HTML 70Page - Cirrus Logic CS47L15 Datasheet HTML 71Page - Cirrus Logic CS47L15 Datasheet HTML 72Page - Cirrus Logic CS47L15 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 279 page
background image
DS1137F2
69
CS47L15
4.3 Digital Core
The CS47L15 automatically checks to confirm that the SYSCLK frequency is high enough to support the digital mixer
paths. If an attempt is made to enable a PWM signal mixer path, without sufficient SYSCLK cycles to support it, the attempt
fails. Note that any signal paths that are already active are not affected under such circumstances.
The status bits in registers R1600–R2936 indicate the status of each of the digital mixers. If an underclocked error
condition occurs, these bits indicate which mixers have been enabled.
Table 4-23. PWM Generator Control
Register Address
Bit
Label
Default
Description
R48 (0x0030)
PWM_Drive_1
10:8 PWM_CLK_
SEL[2:0]
000
PWM Clock Select
000 = 6.144 MHz (5.6448 MHz)
001 = 12.288 MHz (11.2896 MHz)
010 = 24.576 MHz (22.5792 MHz)
All other codes are reserved.
The frequencies in brackets apply for 44.1 kHz–related sample rates only.
PWM_CLK_SEL controls the resolution of the PWM generator; higher settings
correspond to higher resolution.
The PWM Clock must be less than or equal to SYSCLK.
5
PWM2_OVD
0
PWM2 Generator Override
0 = Disabled (PWM duty cycle is controlled by audio source)
1 = Enabled (PWM duty cycle is controlled by PWM2_LVL).
4
PWM1_OVD
0
PWM1 Generator Override
0 = Disabled (PWM1 duty cycle is controlled by audio source)
1 = Enabled (PWM1 duty cycle is controlled by PWM1_LVL).
1
PWM2_ENA
0
PWM2 Generator Enable
0 = Disabled
1 = Enabled
0
PWM1_ENA
0
PWM1 Generator Enable
0 = Disabled
1 = Enabled
R49 (0x0031)
PWM_Drive_2
9:0 PWM1_LVL[9:0]
0x100
PWM1 Override Level. Sets the PWM1 duty cycle when PWM1_OVD = 1.
Coded as 2’s complement.
0x000 = 50% duty cycle
0x200 = 0% duty cycle
R50 (0x0032)
PWM_Drive_3
9:0 PWM2_LVL[9:0]
0x100
PWM2 Override Level. Sets the PWM2 duty cycle when PWM2_OVD = 1.
Coded as 2’s complement.
0x000 = 50% duty cycle
0x200 = 0% duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com