Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL002D0FMAI011 Datasheet(PDF) 6 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 6 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 2Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 3Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 4Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 5Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 6Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 7Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 8Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 9Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
S25FL Family (Serial Peripheral Interface)
30167A+1 June 9, 2004
P r el i m i n a r y
I n fo r m a t i o n
Ordering Information
The order number (Valid Combination) is formed by the following:
Notes:
1. Type 1 is standard. Specify other options as required.
2. Contact your local sales office for availability.
3. Package marking omits leading “S25” and speed, package, and leading digit of model number from ordering part
number.
4. If “Last Digit of Model Number” is ‘2’, then this signifies a Lead (Pb)-free package. For example: FL002DI2
If “Last Digit of Model Number” is ‘0’, this signified a standard package. For example: FL002DI0.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device.
S25FL
002
D
0F
M
A
I
00
I
PACKING TYPE
1
= Tube (standard; see Note 1)
3
= 13” Tape and Reel (Note 2)
MODEL NUMBER (Additional Ordering Options)
00
= S0-8 Narrow (150 mils) package
01
= S0-8 Wide (208 mils) package
TEMPERATURE RANGE
I
= Industrial (–40
°C to +85°C)
PACKAGE MATERIALS
A= Standard
F
= Lead (Pb)-free (Note 2)
PACKAGE TYPE
M
= 8 pin Plastic Small Outline Package
N= WSON (Note 2)
SPEED
0F
= 25 MHz
DEVICE TECHNOLOGY
D
= 0.25 µm process technology
DENSITY
002
= 2 Mb
001
= 1 Mb
DEVICE FAMILY
SpansionTM Memory 3.0 Volt-only, Serial Peripheral Interface (SPI) Flash Memory
S25FL Valid Combinations
Package Marking (Note 3)
Base Ordering
Part Number
Speed
Option
Package &
Temperature
Model
Number
Packing
Type
S25FL002D
0F
MAI, MFI, NFI
00, 01
1, 3
(Note 1)
FL002D + (Temp) + (Last Digit of Model Number)
(Note 4)
S25FL001D
00
FL001D + (Temp) + (Last Digit of Model Number)
(Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com