Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL002D0FMAI011 Datasheet(PDF) 7 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 7 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 3Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 4Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 5Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 6Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 7Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 8Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 9Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 10Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
June 9, 2004 30167A+1
S25FL Family (Serial Peripheral Interface)
7
Pre limin ary
I n f o r m a t ion
Signal Description
Signal Data Output (SO): This output signal is used to transfer data serially out
of the device. Data is shifted out on the falling edge of Serial Clock (SCK).
Serial Data Input (SI): This input signal is used to transfer data serially into
the device. It receives instructions, addresses, and the data to be programmed.
Values are latched on the rising edge of Serial Clock (SCK).
Serial Clock (SCK): This input signal provides the timing of the serial interface.
Instructions, addresses, and data present at the Serial Data input (SI) are latched
on the rising edge of Serial Clock (SCK). Data on Serial Data Output (SO) changes
after the falling edge of Serial Clock (SCK).
Chip Select (CS#): When this input signal is High, the device is deselected and
Serial Data Output (SO) is at high impedance. Unless an internal Program, Erase
or Write Status Register cycle is in progress, the device will be in Standby mode.
Driving Chip Select (CS#) Low enables the device, placing it in the active power
mode.
After Power-up, a falling edge on Chip Select (CS#) is required prior to the start
of any instruction.
Hold (HOLD#): The Hold (HOLD#) signal is used to pause any serial communi-
cations with the device without deselecting the device.
During the Hold instruction, the Serial Data Output (SO) is high impedance, and
Serial Data Input (SI) and Serial Clock (SCK) are Don’t Care.
To start the Hold condition, the device must be selected, with Chip Select (CS#)
driven Low.
Write Protect (W#): The main purpose of this input signal is to freeze the size
of the area of memory that is protected against program or erase instructions (as
specified by the values in the BP1 and BP0 bits of the Status Register).
SPI Modes
These devices can be driven by a micro controller with its SPI peripheral running
in either of the two following modes:
CPOL = 0, CPHA = 0
CPOL = 1, CPHA = 1
For these two modes, input data is latched in on the rising edge of Serial Clock
(SCK), and output data is available from the falling edge of Serial Clock (SCK).
The difference between the two modes, as shown in Figure 2, is the clock polarity
when the bus master is in Standby and not transferring data:
SCK remains at 0 for (CPOL = 0, CPHA = 0)
SCK remains at 1 for (CPOL = 1, CPHA = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com