Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL002D0FMAI011 Datasheet(PDF) 16 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 16 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 12Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 13Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 14Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 15Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 16Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 17Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 18Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 19Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
16
S25FL Family (Serial Peripheral Interface)
30167A+1 June 9, 2004
P r el i m i n a r y
I n fo r m a t i o n
WIP bit: The Write In Progress (WIP) bit indicates whether the memory is busy
with a Write Status Register, Program or Erase cycle. This bit is a read only bit
and is read by executing a RDSR instruction. If this bit is 1, such a cycle is in
progress, if it is 0, no such cycle is in progress.
Write Status Register (WRSR)
The Write Status Register (WRSR) instruction allows new values to be written to
the Status Register. Before it can be accepted, a Write Enable (WREN) instruction
must previously have been executed. After the Write Enable (WREN) instruction
has been decoded and executed, the device sets the Write Enable Latch (WEL).
The Write Status Register (WRSR) instruction is entered by driving Chip Select
(CS#) Low, followed by the instruction code and the data byte on Serial Data
Input (SI).
The instruction sequence is shown in Figure 8.
The Write Status Register (WRSR) instruction has no effect on bits b6, b5, b4, b1
and b0 of the Status Register. Bits b6, b5 and b4 are always read as 0.
Chip Select (CS#) must be driven High after the eighth bit of the data byte has
been latched in. If not, the Write Status Register (WRSR) instruction is not exe-
cuted. As soon as Chip Select (CS#) is driven High, the self-timed Write Status
Register cycle (whose duration is tW) is initiated. While the Write Status Register
cycle is in progress, the Status Register may still be read to check the value of
the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the
self-timed Write Status Register cycle, and is 0 when it is completed. At some un-
specified time before the cycle is completed, the Write Enable Latch (WEL) is
reset.
The Write Status Register (WRSR) instruction allows the user to change the val-
ues of the Block Protect (BP1, BP0) bits, to define the size of the area that is to
be treated as read-only, as defined in Table 1 and Table 2. The Write Status Reg-
ister (WRSR) instruction also allows the user to set or reset the Status Register
Write Disable (SRWD) bit in accordance with the Write Protect (W#) signal. The
Status Register Write Disable (SRWD) bit and Write Protect (W#) signal allow the
device to be put in the Hardware Protected Mode (HPM). The Write Status Regis-
ter (WRSR) instruction cannot be executed once the Hardware Protected Mode
(HPM) is entered.
Figure 8. Write Status Register (WRSR) Instruction Sequence
High Impedance
MSB
Instruction
Status
Register In
CS#
SCK
SI
SO
0 12 3 4 5 6 7 8 9 10 11 12 13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com