Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL002D0FMAI011 Datasheet(PDF) 20 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 20 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 16Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 17Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 18Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 19Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 20Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 21Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 22Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 23Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 24Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
20
S25FL Family (Serial Peripheral Interface)
30167A+1 June 9, 2004
P r el i m i n a r y
I n fo r m a t i o n
Figure 11. Page Program (PP) Instruction Sequence
Sector Erase (SE)
The Sector Erase (SE) instruction sets to 1 (FFh) all bits inside the chosen sector.
Before it can be accepted, a Write Enable (WREN) instruction must previously
have been executed. After the Write Enable (WREN) instruction has been de-
coded, the device sets the Write Enable Latch (WEL).
The Sector Erase (SE) instruction is entered by driving Chip Select (CS#) Low,
followed by the instruction code, and three address bytes on Serial Data Input
(SI). Any address inside the Sector (see Table 1 and Table 2) is a valid address
for the Sector Erase (SE) instruction. Chip Select (CS#) must be driven Low for
the entire duration of the sequence.
The instruction sequence is shown in Figure 12.
Chip Select (CS#) must be driven High after the eighth bit of the last address byte
has been latched in, otherwise the Sector Erase (SE) instruction is not executed.
As soon as Chip Select (CS#) is driven High, the self-timed Sector Erase cycle
(whose duration is tSE) is initiated. While the Sector Erase cycle is in progress,
the Status Register may be read to check the value of the Write In Progress (WIP)
bit. The Write In Progress (WIP) bit is 1 during the self-timed Sector Erase cycle,
and is 0 when it is completed. At some unspecified time before the cycle is com-
pleted, the Write Enable Latch (WEL) bit is reset.
A Sector Erase (SE) instruction applied to any memory area that is protected by
the Block Protect (BP1, BP0) bits (see Table 1 and Table 2) is not executed.
0
34
33
32
31
30
29
28
10
9
8
7
6
5
4
3
2
1
35 36 37 38 39
46
45
44
43
42
41
40
47 48 49 50 51 52 53 54 55
23 22 21
3
21
07
6
5
43
2
1
0
Data Byte 1
24-Bit Address
Instruction
Data Byte 2
Data Byte 3
Data Byte 256
MSB
MSB
MSB
MSB
MSB
SCK
SI
SCK
SI
7
65
4
3
2
1
0
76
54
32
1
0
7
6
5
432
10
CS#
CS#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com