Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL002D0FMAI011 Datasheet(PDF) 19 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 19 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 15Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 16Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 17Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 18Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 19Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 20Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 21Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 22Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
June 9, 2004 30167A+1
S25FL Family (Serial Peripheral Interface)
19
Pre limin ary
I n f o r m a t ion
(FAST_READ) instruction, while an Erase, Program or Write cycle is in progress,
is rejected without having any effects on the cycle that is in progress.
Figure 10. Fast Read (FAST_READ) Instruction Sequence
Page Program (PP)
The Page Program (PP) instruction allows bytes to be programmed in the memory
(changing bits from 1 to 0). Before it can be accepted, a Write Enable (WREN)
instruction must previously have been executed. After the Write Enable (WREN)
instruction has been decoded, the device sets the Write Enable Latch (WEL).
The Page Program (PP) instruction is entered by driving Chip Select (CS#) Low,
followed by the instruction code, three address bytes and at least one data byte
on Serial Data Input (SI). Chip Select (CS#) must be driven Low for the entire
duration of the sequence.
The instruction sequence is shown in Figure 11.
If more than 256 bytes are sent to the device, the addressing will wrap to the
beginning of the same page, previously latched data are discarded and the last
256 data bytes are guaranteed to be programmed correctly within the same
page. If fewer than 256 Data bytes are sent to device, they are correctly pro-
grammed at the requested addresses without having any effects on the other
bytes of the same page.
Chip Select (CS#) must be driven High after the eighth bit of the last data byte
has been latched in, otherwise the Page Program (PP) instruction is not executed.
As soon as Chip Select (CS#) is driven High, the self-timed Page Program cycle
(whose duration is tPP) is initiated. While the Page Program cycle is in progress,
the Status Register may be read to check the value of the Write In Progress (WIP)
bit. The Write In Progress (WIP) bit is 1 during the self-timed Page Program cycle,
and is 0 when it is completed. At some unspecified time before the cycle is com-
pleted, the Write Enable Latch (WEL) bit is reset.
A Page Program (PP) instruction applied to a page that is protected by the Block
Protect (BP1, BP0) bits (see Table 1 and Table 2) is not executed.
CS#
SCK
SI
SO
Instruction
24-Bit
Address
Dummy Byte
High Impedance
DATA OUT 1
DATA OUT 2
MSB
MSB
01
2
34
56
7
8
9
10
28 29 30
31 32 33
34 35 36 37 38
39
40 41
42 43 44 45
46
47
23 22 21
3
2
1
0
7
65
4
3
2
1
0
7
6
5
4
3
21
0
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com