Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL002D0FMAI011 Datasheet(PDF) 22 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 22 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 18Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 19Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 20Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 21Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 22Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 23Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 24Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 25Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
22
S25FL Family (Serial Peripheral Interface)
30167A+1 June 9, 2004
P r el i m i n a r y
I n fo r m a t i o n
Figure 13. Bulk Erase (BE) Instruction Sequence
Software Protect (SP)
The Software Protect (SP) instruction implemented in this device is compatible
with industry-standard Software Protect (SP) operation. For this device, this in-
struction has no real function since the Standby Current (ISB) on this device is
the same as the Deep Power-down Current in our competitor's devices.
It is recommended that the standard Standby mode be used for the lowest power
current draw, as well as the Software Protect (SP) as an extra software protection
mechanism when this device is not in active use. In this mode, the device ignores
all Write, Program and Erase instructions. Chip Select (CS#) must be driven Low
for the entire duration of the sequence.
The Software Protect (SP) instruction is entered by driving Chip Select (CS#)
Low, followed by the instruction code on Serial Data Input (SI). Chip Select (CS#)
must be driven Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 14.
Driving Chip Select (CS#) High after the eighth bit of the instruction code has
been latched in deselects the device, and puts the device in the Standby mode (if
there is no internal cycle currently in progress). As soon as Chip Select (CS#) is
driven high, it requires a delay of tSP currently in progress before Software Pro-
tect mode is entered.
Once the device has entered the Software Protect mode, all instructions are ig-
nored except the Release from Software Protect (RES) or Read ID (READ_ID)
instruction. The Release from Software Protect and Read Electronic Signature
(RES) instruction also allows the Electronic Signature of the device to be output
on Serial Data Output (SO).
The Software Protect mode automatically stops at Power-down, and the device
always Powers-up in the Standby mode.
01
2
4
5
6
7
Instruction
CS#
SCK
SI
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com