Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL002D0FMAI011 Datasheet(PDF) 11 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 11 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 7Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 8Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 9Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 10Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 11Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 12Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 13Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 14Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
June 9, 2004 30167A+1
S25FL Family (Serial Peripheral Interface)
11
Pre limin ary
I n f o r m a t ion
To enter the Hold condition, the device must be selected, with Chip Select (CS#)
Low. The Hold condition starts on the falling edge of the Hold (HOLD#) signal,
provided that this coincides with Serial Clock (SCK) being Low (as shown in Figure
3).
The Hold condition ends on the rising edge of the Hold (HOLD#) signal, provided
that this coincides with Serial Clock (SCK) being Low.
If the falling edge does not coincide with Serial Clock (SCK) being Low, the Hold
condition starts after Serial Clock (SCK) next goes Low. Similarly, if the rising
edge does not coincide with Serial Clock (SCK) being Low, the Hold condition ends
after Serial Clock (SCK) next goes Low (Figure 3). During the Hold condition, the
Serial Data Output (SO) is high impedance, and Serial Data Input (SI) and Serial
Clock (SCK) are Don’t Care.
Normally, the device remains selected, with Chip Select (CS#) driven Low, for the
entire duration of the Hold condition. This ensures that the state of the internal
logic remains unchanged from the moment of entering the Hold condition.
Note: Driving Chip Select (CS#) high while HOLD# is still low is not a
valid operation.
Figure 3. Hold Condition Activation
SCK
HOLD#
Hold
Condition
(standard use)
Hold
Condition
(non-standard use)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com