Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL002D0FMAI011 Datasheet(PDF) 17 Page - SPANSION

Part # S25FL002D0FMAI011
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FMAI011 Datasheet(HTML) 17 Page - SPANSION

Back Button S25FL002D0FMAI011 Datasheet HTML 13Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 14Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 15Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 16Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 17Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 18Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 19Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 20Page - SPANSION S25FL002D0FMAI011 Datasheet HTML 21Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
June 9, 2004 30167A+1
S25FL Family (Serial Peripheral Interface)
17
Pre limin ary
I n f o r m a t ion
Table 6. Protection Modes
5. As defined by the values in the Block Protect (BP1, BP0) bits of the Status Register, as shown in Table 1 and
Table 2.
The protection features of the device are summarized in Table 6.
When the Status Register Write Disable (SRWD) bit of the Status Register is 0 (its
initial delivery state), it is possible to write to the Status Register provided that
the Write Enable Latch (WEL) bit has previously been set by a Write Enable
(WREN) instruction, regardless of the whether Write Protect (W#) is driven High
or Low.
When the Status Register Write Disable (SRWD) bit of the Status Register is set
to 1, two cases need to be considered, depending on the state of Write Protect
(W#):
If Write Protect (W#) is driven High, it is possible to write to the Status Reg-
ister provided that the Write Enable Latch (WEL) bit has previously been set
by a Write Enable (WREN) instruction.
If Write Protect (W#) is driven Low, it is not possible to write to the Status
Register even if the Write Enable Latch (WEL) bit has previously been set by
a Write Enable (WREN) instruction. (Attempts to write to the Status Register
are rejected, and are not accepted for execution). As a consequence, all the
data bytes in the memory area that are software protected (SPM) by the
Block Protect (BP1, BP0) bits of the Status Register, are also hardware pro-
tected against data modification.
Regardless of the order of the two events, the Hardware Protected Mode (HPM)
can be entered:
by setting the Status Register Write Disable (SRWD) bit after driving Write
Protect (W#) Low
or by driving Write Protect (W#) Low after setting the Status Register Write
Disable (SRWD) bit.
The only way to exit the Hardware Protected Mode (HPM) once entered is to pull
Write Protect (W#) High.
If Write Protect (W#) is permanently tied High, the Hardware Protected Mode
(HPM) can never be activated, and only the Software Protected Mode (SPM),
using the Block Protect (BP1, BP0) bits of the Status Register, can be used.
Read Data Bytes (READ)
The device is first selected by driving Chip Select (CS#) Low. The instruction code
for the Read Data Bytes (READ) instruction is followed by a 3-byte address (ad-
dress bits A23 to A18 are Don’t Care), each bit being latched-in during the rising
edge of Serial Clock (SCK). Then the memory contents, at that address, are
W# Signal SRWD Bit
Mode
Write Protection of the Status
Register
Protected Area
(Note 1)
Unprotected Area
(Note 1)
1
1
Software
Protected
(SPM)
Status Register is Writeable (if the
WREN instruction has set the WEL
bit)
The values in the SRWD, BP1 and
BP0 bits can be changed
Protected against Page
Program and Erase
(SE, BE)
Ready to accept Page
Program and Sector
Erase Instructions
1
0
0
0
0
1
Hardware
Protected
(HPM)
Status Register is Hardware write
protected
The values in the SRWD, BP1 and
BP0 bits cannot be changed
Protected against Page
Program and Erase
(SE, BE)
Ready to accept Page
Program and Sector
Erase Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com