Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX113 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 31Page - Renesas Technology Corp RX113 Datasheet HTML 32Page - Renesas Technology Corp RX113 Datasheet HTML 33Page - Renesas Technology Corp RX113 Datasheet HTML 34Page - Renesas Technology Corp RX113 Datasheet HTML 35Page - Renesas Technology Corp RX113 Datasheet HTML 36Page - Renesas Technology Corp RX113 Datasheet HTML 37Page - Renesas Technology Corp RX113 Datasheet HTML 38Page - Renesas Technology Corp RX113 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 35 of 131
Sep 07, 2020
RX113 Group
4. I/O Registers
0008 720Fh
ICU
Interrupt Request Enable Register 0F
IER0F
8
8
2 ICLK
0008 7210h
ICU
Interrupt Request Enable Register 10
IER10
8
8
2 ICLK
0008 7211h
ICU
Interrupt Request Enable Register 11
IER11
8
8
2 ICLK
0008 7215h
ICU
Interrupt Request Enable Register 15
IER15
8
8
2 ICLK
0008 7216h
ICU
Interrupt Request Enable Register 16
IER16
8
8
2 ICLK
0008 7217h
ICU
Interrupt Request Enable Register 17
IER17
8
8
2 ICLK
0008 721Ah
ICU
Interrupt Request Enable Register 1A
IER1A
8
8
2 ICLK
0008 721Bh
ICU
Interrupt Request Enable Register 1B
IER1B
8
8
2 ICLK
0008 721Ch
ICU
Interrupt Request Enable Register 1C
IER1C
8
8
2 ICLK
0008 721Dh
ICU
Interrupt Request Enable Register 1D
IER1D
8
8
2 ICLK
0008 721Eh
ICU
Interrupt Request Enable Register 1E
IER1E
8
8
2 ICLK
0008 721Fh
ICU
Interrupt Request Enable Register 1F
IER1F
8
8
2 ICLK
0008 72E0h
ICU
Software Interrupt Activation Register
SWINTR
8
8
2 ICLK
0008 72F0h
ICU
Fast Interrupt Set Register
FIR
16
16
2 ICLK
0008 7300h
ICU
Interrupt Source Priority Register 000
IPR000
8
8
2 ICLK
0008 7303h
ICU
Interrupt Source Priority Register 003
IPR003
8
8
2 ICLK
0008 7304h
ICU
Interrupt Source Priority Register 004
IPR004
8
8
2 ICLK
0008 7305h
ICU
Interrupt Source Priority Register 005
IPR005
8
8
2 ICLK
0008 7306h
ICU
Interrupt Source Priority Register 006
IPR006
8
8
2 ICLK
0008 7307h
ICU
Interrupt Source Priority Register 007
IPR007
8
8
2 ICLK
0008 7320h
ICU
Interrupt Source Priority Register 032
IPR032
8
8
2 ICLK
0008 7321h
ICU
Interrupt Source Priority Register 033
IPR033
8
8
2 ICLK
0008 7322h
ICU
Interrupt Source Priority Register 034
IPR034
8
8
2 ICLK
0008 7324h
ICU
Interrupt Source Priority Register 036
IPR036
8
8
2 ICLK
0008 7325h
ICU
Interrupt Source Priority Register 037
IPR037
8
8
2 ICLK
0008 7326h
ICU
Interrupt Source Priority Register 038
IPR038
8
8
2 ICLK
0008 732Ch
ICU
Interrupt Source Priority Register 044
IPR044
8
8
2 ICLK
0008 7339h
ICU
Interrupt Source Priority Register 057
IPR057
8
8
2 ICLK
0008 733Ah
ICU
Interrupt Source Priority Register 058
IPR058
8
8
2 ICLK
0008 733Bh
ICU
Interrupt Source Priority Register 059
IPR059
8
8
2 ICLK
0008 733Ch
ICU
Interrupt Source Priority Register 060
IPR060
8
8
2 ICLK
0008 733Fh
ICU
Interrupt Source Priority Register 063
IPR063
8
8
2 ICLK
0008 7340h
ICU
Interrupt Source Priority Register 064
IPR064
8
8
2 ICLK
0008 7341h
ICU
Interrupt Source Priority Register 065
IPR065
8
8
2 ICLK
0008 7342h
ICU
Interrupt Source Priority Register 066
IPR066
8
8
2 ICLK
0008 7343h
ICU
Interrupt Source Priority Register 067
IPR067
8
8
2 ICLK
0008 7344h
ICU
Interrupt Source Priority Register 068
IPR068
8
8
2 ICLK
0008 7345h
ICU
Interrupt Source Priority Register 069
IPR069
8
8
2 ICLK
0008 7346h
ICU
Interrupt Source Priority Register 070
IPR070
8
8
2 ICLK
0008 7347h
ICU
Interrupt Source Priority Register 071
IPR071
8
8
2 ICLK
0008 7358h
ICU
Interrupt Source Priority Register 088
IPR088
8
8
2 ICLK
0008 7359h
ICU
Interrupt Source Priority Register 089
IPR089
8
8
2 ICLK
0008 735Ah
ICU
Interrupt Source Priority Register 090
IPR090
8
8
2 ICLK
0008 735Ch
ICU
Interrupt Source Priority Register 092
IPR092
8
8
2 ICLK
0008 735Dh
ICU
Interrupt Source Priority Register 093
IPR093
8
8
2 ICLK
0008 7366h
ICU
Interrupt Source Priority Register 102
IPR102
8
8
2 ICLK
0008 7367h
ICU
Interrupt Source Priority Register 103
IPR103
8
8
2 ICLK
0008 736Ah
ICU
Interrupt Source Priority Register 106
IPR106
8
8
2 ICLK
0008 736Ch
ICU
Interrupt Source Priority Register 108
IPR108
8
8
2 ICLK
0008 7372h
ICU
Interrupt Source Priority Register 114
IPR114
8
8
2 ICLK
0008 7376h
ICU
Interrupt Source Priority Register 118
IPR118
8
8
2 ICLK
0008 7379h
ICU
Interrupt Source Priority Register 121
IPR121
8
8
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (6/24)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com