Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX113 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 39Page - Renesas Technology Corp RX113 Datasheet HTML 40Page - Renesas Technology Corp RX113 Datasheet HTML 41Page - Renesas Technology Corp RX113 Datasheet HTML 42Page - Renesas Technology Corp RX113 Datasheet HTML 43Page - Renesas Technology Corp RX113 Datasheet HTML 44Page - Renesas Technology Corp RX113 Datasheet HTML 45Page - Renesas Technology Corp RX113 Datasheet HTML 46Page - Renesas Technology Corp RX113 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 43 of 131
Sep 07, 2020
RX113 Group
4. I/O Registers
0008 A0A5h
SCI5
Receive Data Register
RDR
8
8
2 or 3 PCLKB
0008 A0A6h
SCI5
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A0A6h
SMCI5
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A0A7h
SCI5
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 A0A8h
SCI5
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 A0A9h
SCI5
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 A0AAh
SCI5
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 A0ABh
SCI5
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 A0ACh
SCI5
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 A0ADh
SCI5
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
0008 A0C0h
SCI6
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A0C0h
SMCI6
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A0C1h
SCI6
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
0008 A0C2h
SCI6
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A0C2h
SMCI6
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A0C3h
SCI6
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
0008 A0C4h
SCI6
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A0C4h
SMCI6
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A0C5h
SCI6
Receive Data Register
RDR
8
8
2 or 3 PCLKB
0008 A0C6h
SCI6
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A0C6h
SMCI6
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A0C7h
SCI6
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 A0C8h
SCI6
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 A0C9h
SCI6
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 A0CAh
SCI6
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 A0CBh
SCI6
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 A0CCh
SCI6
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 A0CDh
SCI6
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
0008 A100h
SCI8
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A100h
SMCI8
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A101h
SCI8
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
0008 A102h
SCI8
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A102h
SMCI8
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A103h
SCI8
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
0008 A104h
SCI8
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A104h
SMCI8
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A105h
SCI8
Receive Data Register
RDR
8
8
2 or 3 PCLKB
0008 A106h
SCI8
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A106h
SMCI8
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A107h
SCI8
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 A108h
SCI8
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 A109h
SCI8
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 A10Ah
SCI8
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 A10Bh
SCI8
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 A10Ch
SCI8
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 A10Dh
SCI8
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
0008 A120h
SCI9
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A120h
SMCI9
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A121h
SCI9
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
0008 A122h
SCI9
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A122h
SMCI9
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A123h
SCI9
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (14/24)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com