Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX113 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 48Page - Renesas Technology Corp RX113 Datasheet HTML 49Page - Renesas Technology Corp RX113 Datasheet HTML 50Page - Renesas Technology Corp RX113 Datasheet HTML 51Page - Renesas Technology Corp RX113 Datasheet HTML 52Page - Renesas Technology Corp RX113 Datasheet HTML 53Page - Renesas Technology Corp RX113 Datasheet HTML 54Page - Renesas Technology Corp RX113 Datasheet HTML 55Page - Renesas Technology Corp RX113 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 52 of 131
Sep 07, 2020
RX113 Group
4. I/O Registers
000A 085Eh
LCDC
LCD Display Data Register 30
SEG30
8
8
1 or 2 PCLKB
000A 085Fh
LCDC
LCD Display Data Register 31
SEG31
8
8
1 or 2 PCLKB
000A 0860h
LCDC
LCD Display Data Register 32
SEG32
8
8
1 or 2 PCLKB
000A 0861h
LCDC
LCD Display Data Register 33
SEG33
8
8
1 or 2 PCLKB
000A 0862h
LCDC
LCD Display Data Register 34
SEG34
8
8
1 or 2 PCLKB
000A 0863h
LCDC
LCD Display Data Register 35
SEG35
8
8
1 or 2 PCLKB
000A 0864h
LCDC
LCD Display Data Register 36
SEG36
8
8
1 or 2 PCLKB
000A 0865h
LCDC
LCD Display Data Register 37
SEG37
8
8
1 or 2 PCLKB
000A 0866h
LCDC
LCD Display Data Register 38
SEG38
8
8
1 or 2 PCLKB
000A 0867h
LCDC
LCD Display Data Register 39
SEG39
8
8
1 or 2 PCLKB
000A 0900h
CTSU
CTSU Control Register 0
CTSUCR0
8
8
1 or 2 PCLKB
000A 0901h
CTSU
CTSU Control Register 1
CTSUCR1
8
8
1 or 2 PCLKB
000A 0902h
CTSU
CTSU Synchronous Noise Reduction Setting Register
CTSUSDPRS
8
8
1 or 2 PCLKB
000A 0903h
CTSU
CTSU Sensor Stabilization Wait Control Register
CTSUSST
8
8
1 or 2 PCLKB
000A 0904h
CTSU
CTSU Measurement Channel Register 0
CTSUMCH0
8
8
1 or 2 PCLKB
000A 0905h
CTSU
CTSU Measurement Channel Register 1
CTSUMCH1
8
8
1 or 2 PCLKB
000A 0906h
CTSU
CTSU Channel Enable Control Register 0
CTSUCHAC0
8
8
1 or 2 PCLKB
000A 0907h
CTSU
CTSU Channel Enable Control Register 1
CTSUCHAC1
8
8
1 or 2 PCLKB
000A 090Bh
CTSU
CTSU Channel Transmit/Receive Control Register 0
CTSUCHTRC0
8
8
1 or 2 PCLKB
000A 090Ch
CTSU
CTSU Channel Transmit/Receive Control Register 1
CTSUCHTRC1
8
8
1 or 2 PCLKB
000A 0910h
CTSU
CTSU High-Pass Noise Reduction Control Register
CTSUDCLKC
8
8
1 or 2 PCLKB
000A 0911h
CTSU
CTSU Status Register
CTSUST
8
8
1 or 2 PCLKB
000A 0912h
CTSU
CTSU High-Pass Noise Reduction Spectrum Diffusion Control
Register
CTSUSSC
16
16
1 or 2 PCLKB
000A 0914h
CTSU
CTSU Sensor Offset Register 0
CTSUSO0
16
16
1 or 2 PCLKB
000A 0916h
CTSU
CTSU Sensor Offset Register 1
CTSUSO1
16
16
1 or 2 PCLKB
000A 0918h
CTSU
CTSU Sensor Counter
CTSUSC
16
16
1 or 2 PCLKB
000A 091Ah
CTSU
CTSU Reference Counter
CTSURC
16
16
1 or 2 PCLKB
000A 091Ch
CTSU
CTSU Error Status Register
CTSUERRS
16
16
1 or 2 PCLKB
007F C090h
FLASH
E2 DataFlash Control Register
DFLCTL
8
8
2 or 3 FCLK
007F C0ACh
TEMPS
Temperature Sensor Calibration Data Register
TSCDRL
8
8
1 or 2 PCLKB
007F C0ADh
TEMPS
Temperature Sensor Calibration Data Register
TSCDRH
8
8
1 or 2 PCLKB
007F C0B0h
FLASH
Flash Start-Up Setting Monitor Register
FSCMR
16
16
2 or 3 FCLK
007F C0B2h
FLASH
Flash Access Window Start Address Monitor Register
FAWSMR
16
16
2 or 3 FCLK
007F C0B4h
FLASH
Flash Access Window End Address Monitor Register
FAWEMR
16
16
2 or 3 FCLK
007F C0B6h
FLASH
Flash Initial Setting Register
FISR
8
8
2 or 3 FCLK
007F C0B7h
FLASH
Flash Extra Area Control Register
FEXCR
8
8
2 or 3 FCLK
007F C0B8h
FLASH
Flash Error Address Monitor Register L
FEAML
16
16
2 or 3 FCLK
007F C0BAh
FLASH
Flash Error Address Monitor Register H
FEAMH
8
8
2 or 3 FCLK
007F C0C0h
FLASH
Protection Unlock Register
FPR
8
8
2 or 3 FCLK
007F C0C1h
FLASH
Protection Unlock Status Register
FPSR
8
8
2 or 3 FCLK
007F C0C2h
FLASH
Flash Read Buffer Register L
FRBL
16
16
2 or 3 FCLK
007F C0C4h
FLASH
Flash Read Buffer Register H
FRBH
16
16
2 or 3 FCLK
007F FF80h
FLASH
Flash P/E Mode Control Register
FPMCR
8
8
2 or 3 FCLK
007F FF81h
FLASH
Flash Area Select Register
FASR
8
8
2 or 3 FCLK
007F FF82h
FLASH
Flash Processing Start Address Register L
FSARL
16
16
2 or 3 FCLK
007F FF84h
FLASH
Flash Processing Start Address Register H
FSARH
8
8
2 or 3 FCLK
007F FF85h
FLASH
Flash Control Register
FCR
8
8
2 or 3 FCLK
007F FF86h
FLASH
Flash Processing End Address Register L
FEARL
16
16
2 or 3 FCLK
007F FF88h
FLASH
Flash Processing End Address Register H
FEARH
8
8
2 or 3 FCLK
007F FF89h
FLASH
Flash Reset Register
FRESETR
8
8
2 or 3 FCLK
007F FF8Ah
FLASH
Flash Status Register 0
FSTATR0
8
8
2 or 3 FCLK
007F FF8Bh
FLASH
Flash Status Register 1
FSTATR1
8
8
2 or 3 FCLK
Table 4.1
List of I/O Registers (Address Order) (23/24)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com