Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX113 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 53Page - Renesas Technology Corp RX113 Datasheet HTML 54Page - Renesas Technology Corp RX113 Datasheet HTML 55Page - Renesas Technology Corp RX113 Datasheet HTML 56Page - Renesas Technology Corp RX113 Datasheet HTML 57Page - Renesas Technology Corp RX113 Datasheet HTML 58Page - Renesas Technology Corp RX113 Datasheet HTML 59Page - Renesas Technology Corp RX113 Datasheet HTML 60Page - Renesas Technology Corp RX113 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 57 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
Note 1. There are restrictions on AVCC0 and VCC depending on the usage conditions for the 12-bit D/A converter and I/O ports.
When using ports PJ0 and PJ2 multiplexed with DA0 and DA1 as general I/O ports, make sure that VCC
≤ AVCC0.
Table 5.4
DC Characteristics (2)
Conditions: 1.8 V
≤ VCC = VCC_USB < 2.7 V, 1.8 V ≤ AVCC0 < 2.7 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Schmitt trigger
input voltage
Ports P16, P17, port PA6, port
PB0 (5 V tolerant)
VIH
0.8 × VCC
—
5.8
V
Ports P02, P04, P07,
ports P10 to P15,
ports P20 to P27,
ports P30 to P32, P35,
ports P50 to P56,
ports PA0 to PA5, PA7
ports PB1 to PB7,
ports PC0 to PC7,
ports PD0 to PD4,
ports PE0 to PE7,
ports PF6, PF7,
ports PJ0*1, PJ2*1, PJ3,
RES#
0.8 × VCC
—
VCC + 0.3
All pins
VIL
–0.3
—
0.2 × VCC
All pins
ΔV
T
0.01 × VCC
—
—
Input voltage
(except for
Schmitt trigger
input pins)
MD
VIH
0.9 × VCC
—
VCC + 0.3
V
XTAL (external clock input)
0.8 × VCC
—
VCC + 0.3
Ports P40 to P44, P46,
ports P90 to P92,
ports PJ6, PJ7
0.7 × AVCC0
—
AVCC0 + 0.3
MD
VIL
–0.3
—
0.1 × VCC
XTAL (external clock input)
–0.3
—
0.2 × VCC
Ports P40 to P44, P46,
ports P90 to P92,
ports PJ6, PJ7
–0.3
—
0.3 × AVCC0
Table 5.5
DC Characteristics (3)
Conditions: 1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input leakage
current
RES#, MD, port P35
| Iin |—
—
1.0
µA
Vin = 0 V, VCC
Three-state
leakage current
(off-state)
Ports for 5 V tolerant
| ITSI |—
—
1.0
µA
Vin = 0 V, 5.8 V
Pins other than above
—
—
1.0
Vin = 0 V, VCC
Input capacitance
All input pins
(except for port P16, port P35,
USB0_DM, USB0_DP)
Cin
—
—
15
pF
Vin = 0 V
Frequency: 1 MHz
Ta = 25°C
Port P16, port P35, USB0_DM,
USB0_DP
——
30
Table 5.6
DC Characteristics (4)
Conditions:
1.8 V
≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input pull-up
resistor
All ports
(except for port P35)
RU
10
20
100
k
Ω
Vin = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com