Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX113 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 38Page - Renesas Technology Corp RX113 Datasheet HTML 39Page - Renesas Technology Corp RX113 Datasheet HTML 40Page - Renesas Technology Corp RX113 Datasheet HTML 41Page - Renesas Technology Corp RX113 Datasheet HTML 42Page - Renesas Technology Corp RX113 Datasheet HTML 43Page - Renesas Technology Corp RX113 Datasheet HTML 44Page - Renesas Technology Corp RX113 Datasheet HTML 45Page - Renesas Technology Corp RX113 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 42 of 131
Sep 07, 2020
RX113 Group
4. I/O Registers
0008 A006h
SMCI0
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A007h
SCI0
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 A008h
SCI0
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 A009h
SCI0
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 A00Ah
SCI0
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 A00Bh
SCI0
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 A00Ch
SCI0
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 A00Dh
SCI0
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
0008 A020h
SCI1
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A020h
SMCI1
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A021h
SCI1
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
0008 A022h
SCI1
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A022h
SMCI1
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A023h
SCI1
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
0008 A024h
SCI1
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A024h
SMCI1
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A025h
SCI1
Receive Data Register
RDR
8
8
2 or 3 PCLKB
0008 A026h
SCI1
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A026h
SMCI1
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A027h
SCI1
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 A028h
SCI1
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 A029h
SCI1
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 A02Ah
SCI1
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 A02Bh
SCI1
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 A02Ch
SCI1
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 A02Dh
SCI1
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
0008 A040h
SCI2
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A040h
SMCI2
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A041h
SCI2
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
0008 A042h
SCI2
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A042h
SMCI2
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A043h
SCI2
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
0008 A044h
SCI2
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A044h
SMCI2
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A045h
SCI2
Receive Data Register
RDR
8
8
2 or 3 PCLKB
0008 A046h
SCI2
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A046h
SMCI2
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A047h
SCI2
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 A048h
SCI2
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 A049h
SCI2
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 A04Ah
SCI2
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 A04Bh
SCI2
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 A04Ch
SCI2
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 A04Dh
SCI2
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
0008 A0A0h
SCI5
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A0A0h
SMCI5
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A0A1h
SCI5
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
0008 A0A2h
SCI5
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A0A2h
SMCI5
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A0A3h
SCI5
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
0008 A0A4h
SCI5
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A0A4h
SMCI5
Serial Status Register
SSR
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (13/24)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com