Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P136ACT Datasheet(PDF) 23 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 23 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 19Page - NEC UPD17P136ACT Datasheet HTML 20Page - NEC UPD17P136ACT Datasheet HTML 21Page - NEC UPD17P136ACT Datasheet HTML 22Page - NEC UPD17P136ACT Datasheet HTML 23Page - NEC UPD17P136ACT Datasheet HTML 24Page - NEC UPD17P136ACT Datasheet HTML 25Page - NEC UPD17P136ACT Datasheet HTML 26Page - NEC UPD17P136ACT Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 292 page
background image
CHAPTER 1 GENERAL DESCRIPTION
4
1.3 BLOCK DIAGRAM
Remarks 1.
The terms CMOS and N-ch in square brackets indicate the output form of the port.
CMOS : CMOS push-pull output
N-ch
: N-channel open-drain output (Each pin can contain pull-up resistor bit-wise as specified
using a mask option.)
2.
The devices in parentheses are effective only in the case of program memory write/verify mode of
the
µPD17P136A and µPD17P137A.
Notes 1.
The ROM (or PROM) capacity of each product is as follows:
1024
× 16 bits :
µPD17134A, 17135A
2048
× 16 bits :
µPD17136A, 17137A, 17P136A, 17P137A
2.
The stack capacity of each product is as follows:
5
× 10 bits
:
µPD17134A, 17135A
5
× 11 bits
:
µPD17136A, 17137A
POWER-ON/
POWER-DOWN
RESET
VDD
P0A0
P0A1
P0A2
P0A3
ALU
ROM/
One-Time
PROM
Program counter
StackNote2
P0A
(CMOS)
Clock
divider
System clock
generator
XIN
XOUT
fX
/2N
CPU CLOCK CLK STOP
P0B0
P0B1
P0B2
P0B3
P0C0/ADC0
P0C1/ADC1
P0C2/ADC2
P0C3/ADC3
P0D0/SCK
P0D1/SO
P0D2/SI
P0D3/TM0OUT
P1A0
P1A1
P1A2
P1A3
P1B0
RESET
RAM
112
× 4 bits
RF
SYSTEM REG.
P0B
(CMOS)
P0C
(CMOS)
A/D
Con-
verter
P0D
(N-ch)
Serial
Inter-
face
Instruction
decoder
P1A
(N-ch)
P1B
Timer 0
Timer 1
IRQTM0
IRQTM1
IRQBTM
Basic interval timer
Interrupt
controller
IRQTM0
IRQTM1
IRQBTM
IRQSIO
AC
ZEROCROSS
detector
INT
TM0
IRQSIO
GND
fX/2N
fX/2N
fX/2N
(VPP)
(CLK)Note2
Note1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com