Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P136ACT Datasheet(PDF) 28 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 28 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 24Page - NEC UPD17P136ACT Datasheet HTML 25Page - NEC UPD17P136ACT Datasheet HTML 26Page - NEC UPD17P136ACT Datasheet HTML 27Page - NEC UPD17P136ACT Datasheet HTML 28Page - NEC UPD17P136ACT Datasheet HTML 29Page - NEC UPD17P136ACT Datasheet HTML 30Page - NEC UPD17P136ACT Datasheet HTML 31Page - NEC UPD17P136ACT Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 292 page
background image
Pin No.
Pin name
Function
Output
At reset
1VADC
Supplies power and reference voltage for the A/D converter
—
—
2
P0C3/ADC3/MD3 Note1
Constitute port 0C, serve as analog input pins of A/D
CMOS
Input
|
|
converter, or select operating mode when program memory
push-pull
(P0C)
5
P0C0/ADC0/MD0 Note1
is written or verified.
• P0C3 to P0C0
• 4-bit input/output port
• Input/output setting in 1-bit unit
• ADC3 to ADC0
• Analog input for the A/D converter
• MD3 to MD0
• Available for the
µPD17P136A and µPD17P137A only
• Selects operating mode at program memory writing/
verification
6
P0B3/D7 Note1
Used as port 0B, or data input/output pins in program
CMOS
Input
|
|
memory write/verify mode.
push-pull
(P0B)
9
P0B0/D4 Note1
• P0B3 to P0B0
• 4-bit input/output port
• Input/output setting in 4-bit unit
• Software-selectable pull-up resistor
• D7 to D4
• Available for the
µPD17P136A and µPD17P137A only
• 8-bit data input/output at program memory writing/
verification
10
P0A3/D3 Note1
Used as port 0A, or data input/output pin in program memory
CMOS
Input
|
|
write/verify mode.
push-pull
(P0A)
13
P0A0/D0 Note1
• P0A3 to P0A0
• 4-bit input/output port
• Input/output setting in 4-bit unit
• Software-selectable pull-up resistor
• D3 to D0
• Available for the
µPD17P136A and µPD17P137A only
• 8-bit data input/output at program memory writing/
verification
14
GND
Ground
—
—
15
INT
External interrupt request input or sensor signal input
—
Input
16
RESET
System reset input pin
—
Input
A pull-up resistor can be internally connected by mask
option Note2
Notes 1.
The MD0-MD3 and D0-D7 pins are valid with the
µPD17P136A and 17P137A only.
2.
The
µPD17P136A and 17P137A do not have a pull-up resistor connected by mask option.
CHAPTER 2
PIN FUNCTIONS
2.1 PIN FUNCTIONS
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com