Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P136ACT Datasheet(PDF) 34 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 34 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 30Page - NEC UPD17P136ACT Datasheet HTML 31Page - NEC UPD17P136ACT Datasheet HTML 32Page - NEC UPD17P136ACT Datasheet HTML 33Page - NEC UPD17P136ACT Datasheet HTML 34Page - NEC UPD17P136ACT Datasheet HTML 35Page - NEC UPD17P136ACT Datasheet HTML 36Page - NEC UPD17P136ACT Datasheet HTML 37Page - NEC UPD17P136ACT Datasheet HTML 38Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 292 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
CHAPTER 2 PIN FUNCTIONS
15
2.4 NOTES ON USING RESET PIN AND P1B0 PIN
The RESET and P1B0 pins have a function for setting a test mode in which the internal operations of the
µPD17134A
subseries are tested (for IC test), in addition to the functions described in 2.1 PIN FUNCTIONS.
When a voltage exceeding VDD is applied to either of these pins, the test mode is set. This means that, even during
the normal operation, the test mode is set if a noise exceeding VDD is applied. As a result, the operation may not be
performed normally.
This is especially true if the wiring length of the RESET or P1B0 pin is too long in which case a noise may be
superimposed on the wiring.
Therefore, perform wiring so that noise may not be superimposed, by keeping the wiring length as short as possible.
If noise is inevitable, take noise preventive measures by using an external component as illustrated below.
• Connect a diode with low VF between
VDD and RESET/P1B0
• Connect a capacitor between
VDD and RESET/P1B0
RESET, P1B0
VDD
VDD
Diode with
low VF
RESET, P1B0
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com