Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P136ACT Datasheet(PDF) 113 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 113 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 109Page - NEC UPD17P136ACT Datasheet HTML 110Page - NEC UPD17P136ACT Datasheet HTML 111Page - NEC UPD17P136ACT Datasheet HTML 112Page - NEC UPD17P136ACT Datasheet HTML 113Page - NEC UPD17P136ACT Datasheet HTML 114Page - NEC UPD17P136ACT Datasheet HTML 115Page - NEC UPD17P136ACT Datasheet HTML 116Page - NEC UPD17P136ACT Datasheet HTML 117Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 292 page
background image
CHAPTER 11 ARITHMETIC AND LOGIC UNIT (ALU)
94
11.5 BIT JUDGEMENTS
As shown in Table 11-6, there are both TRUE (1) and FALSE (0) bit judgement instructions.
The TRUE (1) and FALSE (0) bit judgements use SKT and SKF instruction, respectively
The SKT and SKF instructions can only be used with data memory.
Bit judgements are not affected by the BCD flag in the program status word (PSWORD) and bit judgements do
not cause either the CY or Z flag in the program status word (PSWORD) to be set. However, when an SKT or SKF
instruction is executed, the CMP flag is reset (0). When the index enable flag (IXE) is set (1), index modification is
performed using the index register. For information concerning index modification using the index register, see
CHAPTER 7 SYSTEM REGISTER (SYSREG).
11.5.1 and 11.5.2 explain TRUE (1) and FALSE (0) bit judgements.
Table 11-6. Bit Judgement Instructions
11.5.1 TRUE (1) Bit Judgement
The TRUE (1) bit judgement instruction (SKT m, #n) is used to determine whether or not the bits specified by n
in the 4 bits of data memory m are TRUE (1). When all bits specified by n are TRUE (1), this instruction causes the
next instruction to be skipped.
Example
MOV
M1,
#1011B
SKT
M1,
#1011B
; (1)
BR
A
BR
B
SKT
M1,
#1101B
; (2)
BR
C
BR
D
In this example, bits 3, 1, and 0 of data memory M1 are judged in step number (1). Because all the
bits are TRUE (1), the program branches to B. In step number (2), bits 3, 2, and 0 of data memory
M1 are judged. Since bit 2 of data memory M1 is FALSE (0), the program branches to C.
TRUE (1) bit judgement
SKT m, #n
FALSE (0) bit judgement
SKF m, #n
Bit judgement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com