Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P136ACT Datasheet(PDF) 121 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 121 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 117Page - NEC UPD17P136ACT Datasheet HTML 118Page - NEC UPD17P136ACT Datasheet HTML 119Page - NEC UPD17P136ACT Datasheet HTML 120Page - NEC UPD17P136ACT Datasheet HTML 121Page - NEC UPD17P136ACT Datasheet HTML 122Page - NEC UPD17P136ACT Datasheet HTML 123Page - NEC UPD17P136ACT Datasheet HTML 124Page - NEC UPD17P136ACT Datasheet HTML 125Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 292 page
background image
CHAPTER 12 PORTS
102
12.2 PORT 0B (P0B0, P0B1, P0B2, P0B3)
Port 0B is a 4-bit input/output port with an output latch. It is mapped into address 71H of BANK0 in data memory.
The output format is CMOS push-pull output.
Input or output can be specified in 4-bit units. Input/ output is specified by P0BGIO (bit 1 at address 2CH) in the
register file.
When P0BGIO is 0, all pins of port 0B are used as input ports. If a read instruction is executed for the port register,
pin statuses are read.
When P0BGIO is 1, all pins of port 0B are used as output ports. The contents written in the output latch are output
to pins. If a read instruction is executed when pins are used as output ports, the contents of the output latch, rather
than pin statuses, are fetched.
Port 0B contains a software-controlled pull-up resistor. P0BGPU (bit 1 at address 0CH) is used to determine
whether or not port 0B contains a pull-up resistor. When P0BGPU is 1, all 4-bit pins are pulled up. When P0BGPU
is 0, a pull-up resistor is not contained.
At reset, P0BGIO and P0BGPU are 0 and all P0B pins are input ports without a pull-up resistor. The value of the
port 0B output latch is 0.
Table 12-2. Writing into and Reading from the Port Register (0.71H)
BANK0 71H
Read
P0B pin status
P0B latch contents
Input
Output
Pin input/output
P0BGIO
RF: 2CH, bit 1
0
1
Write
Possible
Write to the P0B latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com