Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P136ACT Datasheet(PDF) 128 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 128 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 124Page - NEC UPD17P136ACT Datasheet HTML 125Page - NEC UPD17P136ACT Datasheet HTML 126Page - NEC UPD17P136ACT Datasheet HTML 127Page - NEC UPD17P136ACT Datasheet HTML 128Page - NEC UPD17P136ACT Datasheet HTML 129Page - NEC UPD17P136ACT Datasheet HTML 130Page - NEC UPD17P136ACT Datasheet HTML 131Page - NEC UPD17P136ACT Datasheet HTML 132Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 292 page
background image
CHAPTER 12 PORTS
109
12.7.3 Specifying Pull-Up Resistor Incorporation Using Software
Pull-up resistor incorporation can be specified in 4-bit units using P0AGPU and P0BGPU (address 0CH) in the
register file.
Figure 12-3. Specifying Pull-Up Resistor Incorporation Using Software
Bit 3
Bit 2
Bit 1
Bit 0
P0BGPU
P0AGPU
R/W
0000
0
P0AGPU
Function
Does not contain pull-up
resistor in port 0A.
1
Read/write
Initial value when reset
0
P0BGPU
Function
1
RF: 0CH
Read = R, write = W
0
0
Does not contain pull-up
resistor in port 0B.
Contains pull-up resistor in
port 0A.
Contains pull-up resistor in
port 0B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com