Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P136ACT Datasheet(PDF) 142 Page - NEC

Part # UPD17P136ACT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P136ACT Datasheet(HTML) 142 Page - NEC

Back Button UPD17P136ACT Datasheet HTML 138Page - NEC UPD17P136ACT Datasheet HTML 139Page - NEC UPD17P136ACT Datasheet HTML 140Page - NEC UPD17P136ACT Datasheet HTML 141Page - NEC UPD17P136ACT Datasheet HTML 142Page - NEC UPD17P136ACT Datasheet HTML 143Page - NEC UPD17P136ACT Datasheet HTML 144Page - NEC UPD17P136ACT Datasheet HTML 145Page - NEC UPD17P136ACT Datasheet HTML 146Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 292 page
background image
CHAPTER 13 PERIPHERAL HARDWARE
123
13.2.2 Registers Controlling Basic Interval Timer
The basic interval timer is controlled by the BTM mode register and watchdog timer mode register.
Figures 13-10 and 13-11 show the configuration of the respective registers.
Figure 13-10. BTM Mode Register
Bit 3
BTMISEL
0
Bit 2
BTMRES
0
Bit 1
BTMCK1
0
Bit 0
BTMCK0
0
Read/write
Initial value when reset
R/W
Selects count pulse of BTM
fX/8192
(execution time of 512 instructions)
fX/4096
(execution time of 256 instructions)
Count up of timer 0
INT pin
(information on INT pin that
has gone through AC zero
cross detection circuit when
ZCROSS = 1)
BTMCK1
0
0
1
1
BTMCK0
0
1
0
1
Resets BTM
Does not affect basic interval timer (BTM).
Resets binary counter of basic interval
timer (BTM).
BTMRES
0
1
Selects interval time
Sets count pulse divided by 128 as interval
time.
Sets count pulse divided by 32 as interval
time.
BTMISEL
0
1
Remark
Read = R, write = W
RF : 13H
BTMRES is automatically cleared to 0 after it
has been set to 1.
This bit is always “0” when it is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com