Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1CPQR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPMIC1CPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1CPQR Datasheet(HTML) 5 Page - STMicroelectronics

  STPMIC1CPQR Datasheet HTML 1Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 2Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 3Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 4Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 5Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 6Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 7Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 8Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 140 page
background image
2.2
Pinout and pin description
Figure 2. Pin configuration WFQFN 44L top view
EPGND
RSTn 1
WAKEUP 2
SDA 3
SCL 4
VOUT1 5
PGND1 6
VLX1 7
BUCK1IN 8
VOUT2 9
PGND2 10
VLX2 11
BUCK2IN 12
23 LDO1OUT
24 BUCK4IN
25 VLX4
26 PGND4
27 VOUT4
28 BUCK3IN
29 VLX3
30 PGND3
31 VOUT3
32 PGBOOST
33 VLXBST
34 BOUT
Table 3. Pin description
Pin name
A/D(1) I/O
Location
Description (default configuration)
RSTn
D
I/O
1
Bi-directional reset (active low with internal pull-up)
WAKEUP
D
I
2
Power-ON from host processor (active high with internal pull-down)
SDA
D
I/O
3
I2C serial data
SCL
D
I
4
I2C serial clock
VOUT1
A
I
5
Input feedback signal buck converter 1
PGND1
A
-
6
Power ground buck converter 1
VLX1
A
O
7
LX node buck converter 1
BUCK1IN
A
I
8
Power input buck converter 1 must be connected to the same value of VIN pin
VOUT2
A
I
9
Input feedback signal buck converter 2
PGND2
A
-
10
Power ground buck converter 2
VLX2
A
O
11
LX node buck converter 2
BUCK2IN
A
I
12
Power input buck converter 2 must be connected to the same value of VIN pin
LDO3IN
A
I
13
Power input LDO3
LDO3OUT
A
O
14
Output voltage LDO3
GNDLDO
A
-
15
LDO GND
VREFDDR
A
O
16
DDR VREF output voltage
PONKEYn
D
I
17
User power ON key (active low with internal pullup)
STPMIC1
Pinout and pin description
DS12792 - Rev 7
page 5/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com