Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1CPQR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPMIC1CPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1CPQR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPMIC1CPQR Datasheet HTML 14Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 15Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 16Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 17Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 18Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 19Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 20Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 21Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 140 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOUT4-LO
Load transient
regulation
HP mode; 0<IBK4OUT<2.0 A, ΔIBK4OUT = 500 mA,
tR = tF ~250 ns
15
30
mV
LP mode; 0<IBK4OUT<50 mA ΔIBK4OUT = 50 mA,
tR = tF ~250 ns
5
VOUT4-LI
Line transient
regulation
ΔVBK4IN = 600 mV, ΔIBK4OUT = 0, tR = tF ~10 μs,
HP mode
1.5
5
mV
VOUT4-OVR
Power-up
overshoot
2.8 V<VBK4IN<5.5 V, IBK4OUT~1 mA, TA = +25 °C,
0.725 V<VOUT4<1.5 V
40
mV
tLP-HP-BK4
Recovery time
from LP to HP
mode
VOUT4_LP = VOUT4_HP
20
µs
tSU_BK4
Startup delay
(delay before
voltage starts to
rise)
2.8 V<VBUCK4IN<5.5 V, refer to Figure 16. Buck4
load transient in LP mode.
0.05
0.5
1
ms
tSS_BK4
Soft-start duration
2.8 V<VBUCK4IN<5.5 V, 1 mA<IBK4OUT<100 mA,
VOUT4 = 1.2 V, refer to Figure 46. BUCKx start-up/
shutdown timings
235
400
µs
SRBK4
Output voltage
slew rate
Slew rate during start-up
5.5
mV/µs
DVS slew rate of a voltage programmed change
low to high or high to low, from 0.8 V to 1.2 V
1.9
3.1
mV/µs
tSD_BK4
Shutdown
duration
From VOUT4 = 1.2 V to VOUT4<0.2 V, VIN=3.6 V,
COUT = 22 µF
ms
Slow PD, IBK4OUT<1 mA
1.5
Fast PD, IBK4OUT<1 mA
0.15
Boost converter
VIN = 3.6 V, VBSTOUT = 5.2 V, TA = 25 °C, Tj = -40 °C to +125 °C, recommended BOM, unless otherwise specified
VIN
Main input
voltage range
2.8
5.5
V
VOUT
Output voltage
range
2.8 V<VBSTOUT<5.2 V, boost mode
5.2
V
5.2 V<VBSTOUT<5.5 V, bypass mode
~VBOOSTIN
VBST-ACC
Output voltage
accuracy
2.8 V<VBSTIN<3.3 V, 0<IBSTOUT<0.5 A or 3.3
V<VBSTIN<5.5 V, 0<IBSTOUT<1.1 A
-3.5
3.5
%
VBSTOVP
Overvoltage
threshold
5.5
5.7
5.85
V
IBSTOUT_HI
Continuous
output current
3.3 V<VBSTIN<5.5 V
1.1
A
IBSTOUT_LO
Continuous
output current
2.8 V<VBSTIN<3.3 V
0.5
A
IBSTOUT_LKG
Output leakage
current
BSTOUT, boost OFF, pull-down disabled
1
µA
IBSTLIM
Inductor peak
current limit LS
3.3
A
IBSTSH
Short-circuit
threshold HS
4
A
IQ
Quiescent current
IBSTOUT=0 mA
600
900
µA
EFFBST
Efficiency
IBSTOUT=2.5 mA, TA = 25 °C
76
%
STPMIC1
Electrical and timing parameters
DS12792 - Rev 7
page 18/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com