Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1CPQR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPMIC1CPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1CPQR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPMIC1CPQR Datasheet HTML 16Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 17Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 18Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 19Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 20Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 21Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 22Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 23Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 140 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tSS_SWOUT
Soft-on/off
duration
3
ms
VSWOUT_Rise
SWOUT rise
threshold
40
50
60
% VIN
VSWOUT_Fall
SWOUT fall
threshold
30
40
50
% VIN
tSWOUTDB
SWOUT det.
debounce time
30
ms
VSWIN_Rise
SWIN rise
threshold
2.75
2.92
3.00
V
VSWIN_Fall
SWIN fall
threshold
2.5
2.65
2.8
V
tSWINDB
SWIN det.
debounce time
30
ms
tOCPDBSW
SWIN OCP
debounce time
2
µs
Digital interface
VIO
VIO input voltage
for IO signal
1.7
1.8
3.6
V
VIL
PONKEYn input
low voltage
internal VIN pull-up on pin
0
0.3x
VIN
V
WAKEUP input
low voltage
internal VIO pull-down on pin
0.3
0.8
PWRCTRL input
low voltage
internal VIO pull-up on pin
0
0.3x
VIO
internal VIO pull-down on pin
0
0.3x
VIO
RSTn input low
voltage
internal VIO pull-up on pin
0
0.3x
VIO
SDA, SCL input
low voltage
I2C NXP UM10204 revision 5 compliant (October
2012)
VIH
PONKEYn input
high voltage
internal VIN pull-up on pin
0.7 x
VIN
VIN
V
WAKEUP input
high voltage
Internal VIO pull-down on pin
1
1.2
PWRCTRL input
high voltage
Internal VIO pull-up pin
0.7 x
VIO
VIO
Internal VIO pull-down pin
0.7 x
VIO
VIO
RSTn input high
voltage
Internal VIO pull-up on pin
0.7 x
VIO
VIO
SDA, SCL input
high voltage
I2C NXP UM10204 revision 5 compliant (October
2012)
VOL
INTn output low
voltage
80 kΩ internal VIO pull-up on pin
0
0.3 x
VIO
V
SDA, SCL output
low voltage
I2C NXP UM10204 revision 5 compliant (October
2012)
VOH
INTn output high
voltage
80 kΩ internal VIO pull-up on pin
VIO
V
STPMIC1
Electrical and timing parameters
DS12792 - Rev 7
page 20/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com