Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1CPQR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPMIC1CPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1CPQR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPMIC1CPQR Datasheet HTML 13Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 14Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 15Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 16Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 17Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 18Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 19Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 20Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 140 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
SRBK3
Output voltage
slew rate
Slew rate during start-up
5.5
mV/µs
DVS slew rate of a voltage programmed change
low to high or high to low
3.1
mV/µs
tSD_BK3
Shutdown
duration
From VOUT3 = 1.2 V to VOUT3<0.2 V, VIN=3.6 V,
COUT=22 µF
ms
Slow PD, IBK3OUT<1 mA
1.5
Fast PD, IBK3OUT<1 mA
0.15
Buck converter 4
VBUCK4IN = 5.0 V, VOUT4 = 3.3 V, recommended BOM, Tj = -40 °C to +125 °C, unless otherwise specified
VBUCK4IN
Main input
voltage range
2.8 (2)
5.5
V
VOUT4
Output voltage
Programmable value, refer to Table 10. BUCK
output settings
0.6 to 3.9
V
Voltage programming step
0.6 V ≤ VBK4OUT<1.3 V
25
mV
1.3 V≤ VBK4OUT<1.5 V
50
1.5 V ≤ VBK4OUT<3.9 V
100
VOUT4-ACC
Output voltage
accuracy
VBUCK4IN = 2.8 V to 5.5 V
%
HP mode IBK4OUT = 0 to 2.0 A, VOUT4 = 0.8 V to
1.4 V
-2.5
2.5
HP mode IBK4OUT = 0 to 2.0 A, VOUT4 = 0.6 V to
3.9 V
-3.5
3.5
LP mode IBK4OUT = 0 to 50 mA, VOUT4 = 0.6 V to
3.9 V
-4
4
VOUT4-RIPP
Output voltage
ripple
IBK4OUT = 0 mA, HP mode, TA = +25 °C
10
mV
IBK4OUT = 2000 mA, HP mode, TA = +25 °C
10
IOUT4
Continuous
output current
2.8<VBUCK4IN<5.5 V, HP mode
2000
mA
2.8< VBUCK4IN<5.5V, LP Mode
50
IOUT4_LP_PEAK
Peak output
current in LP
mode
2.8< VBUCK4IN<5.5 V, LP mode, tPEAK < 10 µs
200
IBK4LIM
Inductor peak
current limit
3
A
fREFCLK
Reference
switching
frequency
2
MHz
IQ_BK4
Total quiescent
current
IBUCK4OUT = 0 mA, HP mode
220
300
µA
IBUCK4OUT = 0mA, LP mode
50
80
IBUCK4IN_LKG
Input leakage
current
BUCK OFF
1
µA
EFFBK4
Efficiency
IBK4OUT=250 mA, TA = +25 °C
90
%
IBK4OUT=1300 mA,TA = +25 °C
85
IBK4OUT=2000 mA,TA = +25 °C
79
STPMIC1
Electrical and timing parameters
DS12792 - Rev 7
page 17/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com