Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMIC1CPQR Datasheet(PDF) 92 Page - STMicroelectronics

Part # STPMIC1CPQR
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1CPQR Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STPMIC1CPQR Datasheet HTML 88Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 89Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 90Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 91Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 92Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 93Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 94Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 95Page - STMicroelectronics STPMIC1CPQR Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 140 page
background image
6.4.5
LDO4 MAIN mode control register (LDO4_MAIN_CR)
Table 42. LDO4_MAIN_CR
7
6
5
4
3
2
1
0
reserved
reserved
reserved
SRC_VBUSOTG
SRC_BOOST
SRC_VIN
reserved
ENA
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address: 0x28
Type: read/write register
Default: 0x0000000X
Description: LDO4 MAIN mode control register. Register is set to a default value in CHECK&LOAD. User can
write to this register to enable and force the input source of LDO4 that is applied to MAIN mode. If more than one
SRC_ bit is set, it is taken into account following this priority order: VIN, VBUSOTG, BSTOUT.
[7 :5]
reserved
[4]
SRC_VBUSOTG: Force VBUSOTG as input source.
0: automatic
1: supply switch is set to VBUSOTG
[3]
SRC_BSTOUT: Force BSTOUT has input source.
0: automatic
1: supply switch is set to BSTOUT
[2]
SRC_VIN: Force VIN has an input source.
0: automatic
1: supply switch is set to VIN
[1]
reserved
[0]
ENA: LDO4 enable bit
0: LDO4 is disabled
1: LDO4 is enabled
STPMIC1
Power supplies control registers
DS12792 - Rev 7
page 92/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com